Electronic Components Datasheet Search
  English  ▼

X  

TPR4KITHT Datasheet(PDF) 2 Page - TEKTRONIX, INC.

Part # TPR4KITHT
Description  Active Power Rail Probes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TPR4KITHT Datasheet(HTML) 2 Page - TEKTRONIX, INC.

  TPR4KITHT Datasheet HTML 1Page - TEKTRONIX, INC. TPR4KITHT Datasheet HTML 2Page - TEKTRONIX, INC. TPR4KITHT Datasheet HTML 3Page - TEKTRONIX, INC. TPR4KITHT Datasheet HTML 4Page - TEKTRONIX, INC. TPR4KITHT Datasheet HTML 5Page - TEKTRONIX, INC. TPR4KITHT Datasheet HTML 6Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Why use a power-rail probe?
The added functionality, higher density, and faster switching speeds of
modern electronic products drive the need for lower supply voltages.
Designers need to zoom-in on power rails to look for high-frequency
intruder signals, measure ripple and analyze coupling effects with tighter
tolerances. Oscilloscopes often don't have enough offset to shift the noise
and ripple on DC rails to the center of the screen to make the needed
measurements.
The TPR1000 and TPR4000 probes provide a low-noise measurement
solution (oscilloscope and probe), which is critical to not confuse the noise
of the oscilloscope and probe with the noise and ripple of the DC supply
being measured. The higher input impedance in the probes minimize the
oscilloscope loading effect on DC rails (50 kΩ at DC). The probes provide
higher bandwidth to see more signal content (harmonics, faster ripples,
etc.) on DC rails that could affect data signals, clocks, etc.
The TPR1000 and TPR4000 provide a best-in-class integrity solution for
power integrity and validation engineers in the high speed (μP), low power
(mobile) and switched-mode power supply markets. The probes are
designed to offer the lowest noise with high bandwidth at 60 V offset,
flexible connectivity options to cover customers challenges, and software
packages to cover the digital power management market.
Connectivity using probe accessories
The available probe accessories provide solutions for reliable and
repeatable power rail measurements.
Probe accessories to enable connectivity
TPR1000 and TPR4000 Datasheet
2 www.tek.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com