Electronic Components Datasheet Search
  English  ▼

X  

TPR4KITHT Datasheet(PDF) 4 Page - TEKTRONIX, INC.

Part # TPR4KITHT
Description  Active Power Rail Probes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TPR4KITHT Datasheet(HTML) 4 Page - TEKTRONIX, INC.

  TPR4KITHT Datasheet HTML 1Page - TEKTRONIX, INC. TPR4KITHT Datasheet HTML 2Page - TEKTRONIX, INC. TPR4KITHT Datasheet HTML 3Page - TEKTRONIX, INC. TPR4KITHT Datasheet HTML 4Page - TEKTRONIX, INC. TPR4KITHT Datasheet HTML 5Page - TEKTRONIX, INC. TPR4KITHT Datasheet HTML 6Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Ordering information
Models
TPR1000
1 GHz, Single-Ended TekVPI® Power-Rail Probe; includes one TPR4KIT accessory kit
TPR4000
4 GHz, Single-Ended TekVPI® Power-Rail Probe; includes one TPR4KIT accessory kit
Accessory kits
Accessory kits provide flexible and modular connectivity options. Each of the kits are orderable separately.
Description
TPR4KIT
(std. accessory)
TPR4KITHT
(high temp.)
TPRBRWSR1G
(1 GHz browser)
TPR4SIAFLEX
(flex tips)
TPR4SIACOAX
(micro-coax tips)
1.3 m cable, SMA male-to-MMCX male,
50 Ω
✓
1.3 m cable, SMA male-to-SMA male,
50 Ω
✓
Y-lead adapter, MMCX female-
to-0.8 mm sockets
✓
Adapter cable, MMCX female-to-U.FL
female, 50 Ω
✓
Adapter, MMCX female-to-square pin
(0.062 centers)
✓
DUT interface solder pins, set of 20
✓
Soldering aide tool, 0.062 solder pins
over SMT
✓
TPR1000 and TPR4000 Datasheet
4 www.tek.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com