Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA333
Description  INA333-Q1 Automotive, Zer첩-Drift, micro-Power, Instrumentation Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA333 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA333 Datasheet HTML 17Page - Texas Instruments INA333 Datasheet HTML 18Page - Texas Instruments INA333 Datasheet HTML 19Page - Texas Instruments INA333 Datasheet HTML 20Page - Texas Instruments INA333 Datasheet HTML 21Page - Texas Instruments INA333 Datasheet HTML 22Page - Texas Instruments INA333 Datasheet HTML 23Page - Texas Instruments INA333 Datasheet HTML 24Page - Texas Instruments INA333 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
RWb
3Ÿ
Rwa
3Ÿ
Pt100 RTD
+
RTD Resistance
(Volts = Ohms)
VRTD
EMU21 RTD3
VT+
VT-
RTD+
RTD-
Mon-
Mon-
±
VT 25
RWd
3Ÿ
RWc
4Ÿ
Temp (°C)
(Volts = °C)
±
+
+
3 V
U2
OPA333-Q1
RGAIN
100 NŸ
RZERO
100 Ÿ
VOFF
U1 INA333-Q1
VREF
3 V
Use BF861A
Use BF861A
VREF
3 V
±
+
±
+
3 V
VREF
U3
OPA333-Q1
T1 BF256A
T3 BF256A
+
+
V
+
+
IREF1
IREF2
A
A
±
+
3 V
R1
2 NŸ
RG
RG
V-
V+
Ref
Out
2
1
8
3
7
5
6
RSET2
2.5 NŸ
RSET1
2.5 NŸ
In
EN
OUTF
OUTS
GNDS
GNDF
3 V
+
V4 3
VREF
3 V
C7
470 nF
U1 REF3212
PGA112
MSP430
OPA333-Q1
21
INA333-Q1
www.ti.com
SBOS464 – OCTOBER 2019
Product Folder Links: INA333-Q1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
11 Device and Documentation Support
11.1 Device Support
11.1.1 Development Support
11.1.1.1 TINA-TI (Free Download Software)
Using TINA-TI SPICE-Based Analog Simulation Program with the INA333-Q1
TINA is a simple, powerful, and easy-to-use circuit simulation program based on a SPICE engine. TINA-TI is a
free, fully functional version of the TINA software, preloaded with a library of macromodels in addition to a range
of both passive and active models. It provides all the conventional dc, transient, and frequency domain analysis
of SPICE as well as additional design capabilities.
Available as a free download from the Analog eLab Design Center, TINA-TI offers extensive post-processing
capability that allows users to format results in a variety of ways.
Virtual instruments offer users the ability to select input waveforms and probe circuit nodes, voltages, and
waveforms, creating a dynamic quick-start tool.
Figure 41 shows example TINA-TI circuits for the INA333-Q1 device that can be used to develop, modify, and
assess the circuit design for specific applications. Links to download these simulation files are given below.
NOTE
These files require that either the TINA software (from DesignSoft) or TINA-TI software be
installed. Download the free TINA-TI software from the TINA-TI folder.
RWa, RWb, RWc, and RWd simulate wire resistance. These resistors are included to show the four-wire sense technique immunity to line
mismatches. This method assumes the use of a four-wire RTD.
Figure 41. Four-Wire, 3-V Conditioner for a PT100 RTD With Programmable Gain Acquisition System
Download the TINA-TI simulation file for this circuit with the following link: PT100 RTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com