Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA333
Description  INA333-Q1 Automotive, Zer첩-Drift, micro-Power, Instrumentation Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA333 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA333 Datasheet HTML 9Page - Texas Instruments INA333 Datasheet HTML 10Page - Texas Instruments INA333 Datasheet HTML 11Page - Texas Instruments INA333 Datasheet HTML 12Page - Texas Instruments INA333 Datasheet HTML 13Page - Texas Instruments INA333 Datasheet HTML 14Page - Texas Instruments INA333 Datasheet HTML 15Page - Texas Instruments INA333 Datasheet HTML 16Page - Texas Instruments INA333 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
RFI Filtered Inputs
RFI Filtered Inputs
50 k
RFI Filtered Inputs
RFI Filtered Inputs
50 k
150
150
150
150
INA333-Q1
1
8
6
5
2
3
VOUT
REF
VIN-
VIN+
RG
A1
A2
±
±
+
+
7
V+
G
100 k
G
1
R
§
·
:
¨
¸
¨
¸
©
¹
4
V-
A3
±
+
13
INA333-Q1
www.ti.com
SBOS464 – OCTOBER 2019
Product Folder Links: INA333-Q1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The INA333-Q1 is a monolithic instrumentation amplifier (INA) based on the precision zero-drift INA333-Q1
(operational amplifier) core. The INA333-Q1 also integrates laser-trimmed resistors to maintain excellent
common-mode rejection and low gain error. The combination of the zero-drift amplifier core and the precision
resistors allows this device to achieve outstanding dc precision, and makes the INA333-Q1 an excellent choice
for many 3.3-V and 5-V automotive applications.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Operating Voltage
The INA333-Q1 operates over a power-supply range of 1.8 V to 5.5 V (±0.9 V to ±2.75 V). Supply voltages
greater than 7 V (absolute maximum) can permanently damage the device. Parameters that vary over supply
voltage or temperature are shown in the Typical Characteristics section of this data sheet.
7.3.2 Internal Offset Correction
The INA333-Q1 internal operational amplifiers use an auto-calibration technique with a time-continuous, 350-kHz
operational amplifier in the signal path. The amplifier is zero-corrected every 8 µs using a proprietary technique.
At power up, the amplifier requires approximately 100 µs to achieve the specified VOS accuracy. This design has
no aliasing or flicker noise.
7.3.3 Input Protection
The input pins of the INA333-Q1 are protected with internal diodes connected to the power-supply rails. These
diodes clamp and prevent the applied signal from damaging the input circuitry. If the input signal voltage exceeds
the power supplies by greater than 0.3 V, limit the input signal current to less than 10 mA to protect the internal
clamp diodes. This current limiting is generally done with a series input resistor. Some signal sources are
inherently current-limited and do not require limiting resistors.
7.4 Device Functional Modes
The INA333-Q1 has a single functional mode and is operational when the power-supply voltage is greater than
1.8 V. The recommended maximum specified power-supply voltage for the INA333-Q1 is 5.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com