Electronic Components Datasheet Search
  English  ▼

X  

87C151 Datasheet(PDF) 28 Page - Intel Corporation

Part # 87C151
Description  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C151 Datasheet(HTML) 28 Page - Intel Corporation

Back Button 87C151 Datasheet HTML 24Page - Intel Corporation 87C151 Datasheet HTML 25Page - Intel Corporation 87C151 Datasheet HTML 26Page - Intel Corporation 87C151 Datasheet HTML 27Page - Intel Corporation 87C151 Datasheet HTML 28Page - Intel Corporation 87C151 Datasheet HTML 29Page - Intel Corporation 87C151 Datasheet HTML 30Page - Intel Corporation 87C151 Datasheet HTML 31Page - Intel Corporation 87C151 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
8XC151SASB HIGH-PERFORMANCE CHMOS MICROCONTROLLER
PROGRAMMING AND VERIFYING
NONVOLATILE MEMORY
The 87C151SASB has several areas of nonvolatile
memory that can be programmed andor verified
on-chip code memory (816 Kbytes) lock bits (3
bits) encryption array (128 bytes) and signature
bytes (3 bytes)
Figure 16 shows the setup for programming andor
verifying the nonvolatile memory Table 11 lists the
programming and verification operations and indi-
cates which operations apply to the different ver-
sions of the 87C151SASB It also specifies the sig-
nals on the programming input (PROG ) and the
ports The ROMOTPROM mode (port 0) specifies
the operation (program or verify) and the base ad-
dress of the memory area The addresses (ports 1
and 3) are relative to the base address (On-chip
memory for a 16-Kbyte ROMOTPROM device is lo-
cated at address range 0000H – 3FFFH The other
areas of the ROMOTPROM are outside the memo-
ry address space and are accessible only during pro-
gramming and verification)
Information in Figures 17 and 18 define the configu-
ration bits Figure 19 shows the waveforms for the
programming and verification cycles and Table 12
lists the timing specifications The signature bytes of
the
83C151SASB
ROM
versions
and
the
87C151SASB OTPROM versions are factory pro-
grammed Table 13 lists the addresses and the con-
tents of the signature bytes
Factory-programmed ROM and OTPROM versions
of 8XC151SASB use configuration byte information
supplied in a separate hexadecimal disk file
8XC151SASB
devices
without
internal
ROMOTPROM arrays fetch configuration byte in-
formation from external application memory based
on an internal address range of FFF98H
NOTE
The VPP source in Figure 16 must be well regu-
lated and free of glitches The voltage on the VPP
pin must not exceed the specified maximum
even under transient conditions
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com