Electronic Components Datasheet Search
  English  ▼

X  

87C151 Datasheet(PDF) 29 Page - Intel Corporation

Part # 87C151
Description  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C151 Datasheet(HTML) 29 Page - Intel Corporation

Back Button 87C151 Datasheet HTML 25Page - Intel Corporation 87C151 Datasheet HTML 26Page - Intel Corporation 87C151 Datasheet HTML 27Page - Intel Corporation 87C151 Datasheet HTML 28Page - Intel Corporation 87C151 Datasheet HTML 29Page - Intel Corporation 87C151 Datasheet HTML 30Page - Intel Corporation 87C151 Datasheet HTML 31Page - Intel Corporation 87C151 Datasheet HTML 32Page - Intel Corporation 87C151 Datasheet HTML 33Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
8XC151SASB HIGH-PERFORMANCE CHMOS MICROCONTROLLER
Table 12 Programming and Verification Modes Mode
8XC151SASB
Addresses
Mode
PROG
P0
P2
P1 (high) P3 (low)
Notes
X e 7X e 3
Program On-Chip Code
Y
5 Pulses
68H
Data
0000H – 3FFFH (16K)
1
Memory
0000H – 1FFFH (8K)
Verify On-Chip Code
Y
Y
High
28H
Data
0000H – 3FFFH (16K)
Memory
0000H – 1FFFH (8K)
Program Configuration
2
Bytes
Verify Configuration
2
Bytes
Program Lock Bits
Y
25 Pulses
6BH
XX
0001H – 0003H
1 3
Verify Lock Bits
Y
Y
High
2BH
Data
0000H
4
Program Encryption
Y
25 Pulses
6CH
Data
0000H – 007FH
1
Array
Verify Signature Bytes
Y
Y
High
29H
Data
0030H 0031H 0060H
NOTES
1 The PROG
pulse waveform is shown in Figure 19
2 Factory-programmed ROM and OTPROM versions of 8XC151SASB use configuration byte information supplied in a
separate hexadecimal disk file 8XC151SASB devices without internal ROMOTPROM arrays fetch configuration byte
information from external application memory based on an internal address range of FFF98H
3 When programming the lock bits the data bits on port 2 are don’t care Identify the lock bits with the address as follows
LB3 - 0003H LB2 - 0002H LB1 - 0001H
4 The three lock bits are verified in a single operation The states of the lock bits appear simultaneously at port 2 as
follows LB3 - P23 LB2 - P22 LB1 - P21 High e programmed
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com