| Electronic Components Datasheet Search |
|
P83C151SA Datasheet(PDF) 9 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
P83C151SA Datasheet(HTML) 9 Page - Intel Corporation |
|
9 / 33 page ![]() 8XC151SASB HIGH-PERFORMANCE CHMOS MICROCONTROLLER SIGNAL DESCRIPTIONS Table 7 Signal Descriptions Signal Type Description Multiplexed Name With A158 O Address Lines Upper address lines for the external bus P270 AD70 IO AddressData Lines Multiplexed lower address lines and data lines P070 for external memory ALE O Address Latch Enable ALE signals the start of an external bus PROG cycle and indicates that valid address information is available on lines A158 and AD70 An external latch can use ALE to demultiplex the address from the addressdata bus CEX40 IO Programmable Counter Array (PCA) InputOutput Pins These P163 are input signals for the PCA capture mode and output signals for the P17 PCA compare mode and PCA PWM mode EA I External Access Directs program memory accesses to on-chip or VPP off-chip code memory For EA e 0 all program memory accesses are off-chip For EA e 1 an access is to on-chip ROMOTPROM if the address is within the range of the on-chip ROMOTPROM otherwise the access is off-chip The value of EA is latched at reset For devices without on-chip ROMOTPROM EA must be strapped to ground ECI I PCA External Clock Input External clock input to the 16-bit PCA P12 timer INT10 I External Interrupts 0 and 1 These inputs set bits IE10 in the TCON P332 register If bits IT10 in the TCON register are set bits IE10 are set by a falling edge on INT1 INT0 If bits INT10 are clear bits IE10 are set by a low level on INT10 PROG I Programming Pulse The programming pulse is applied to this pin ALE for programming the on-chip OTPROM P070 IO Port 0 This is an 8-bit open-drain bidirectional IO port AD70 P10 IO Port 1 This is an 8-bit bidirectional IO port with internal pullups T2 P11 T2EX P12 ECI P173 CEX30 CEX4 P270 IO Port 2 This is an 8-bit bidirectional IO port with internal pullups A158 The descriptions of A158P270 and AD70P070 are for the nonpage-mode chip configuration (compatible with 44-lead PLCC and 40-pin DIP MCS 51 microcontrollers) If the chip is configured for page-mode operation port 0 carries the lower address bits (A70) and port 2 carries the upper address bits (A158) and the data (D70) 9 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |