Electronic Components Datasheet Search
  English  ▼

X  

P83C151SA Datasheet(PDF) 26 Page - Intel Corporation

Part # P83C151SA
Description  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P83C151SA Datasheet(HTML) 26 Page - Intel Corporation

Back Button P83C151SA Datasheet HTML 22Page - Intel Corporation P83C151SA Datasheet HTML 23Page - Intel Corporation P83C151SA Datasheet HTML 24Page - Intel Corporation P83C151SA Datasheet HTML 25Page - Intel Corporation P83C151SA Datasheet HTML 26Page - Intel Corporation P83C151SA Datasheet HTML 27Page - Intel Corporation P83C151SA Datasheet HTML 28Page - Intel Corporation P83C151SA Datasheet HTML 29Page - Intel Corporation P83C151SA Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
8XC151SASB HIGH-PERFORMANCE CHMOS MICROCONTROLLER
External Clock Drive
Table 11 External Clock Drive
Symbol
Parameter
Min
Max
Units
1TCLCL
Oscillator Frequency (FOSC)
16
MHz
TCHCX
High Time
20
ns
TCLCX
Low Time
20
ns
TCLCH
Rise Time
10
ns
TCHCL
Fall Time
10
ns
272814 – 13
Figure 13 External Clock Drive Waveforms
272814 – 14
AC inputs during testing are driven at VCC b 05V for a logic 1 and 045V for a logic 0 Timing measurements are made
at a min of VIH for logic 1 and VOL for a logic 0
Figure 14 AC Testing Input Output Waveforms
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com