Electronic Components Datasheet Search
  English  ▼

X  

162003 Datasheet(PDF) 1 Page - Adels-Contact

Part # 162003
Description  AC 166 GST/ 3 pebble grey
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

162003 Datasheet(HTML) 1 Page - Adels-Contact

  162003 Datasheet HTML 1Page - Adels-Contact 162003 Datasheet HTML 2Page - Adels-Contact 162003 Datasheet HTML 3Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
12/11/2019
Connectors System AC 166®
Plug and Socket Connectors Tall Version
AC 166 GST/ 3 pebble grey
Plug, 3 pole, pebble grey, Coding: 2 (Mains), Voltage Rating: 250 V,
Current Rating: 20 A, Cross-Section: 2.5 mm², Connection Type: Screw
Order Info
Reference Number (ref. no.)
162003
Applications
Lighting, Installation, Electrical Appliances
PU
200
EAN
4028012106936
Type
Type
Plug
Number of poles
3 pole
Clamping Units per Pole
1
Colour
pebble grey
Coding
2 (Mains)
Cross-Section
2.5 mm²
Connection Type
Screw
PE Function
yes
Protection Against Incorrect Plugging
yes
Strain Relief Type
without
Technical Data
Voltage Rating
250 V
Current Rating
20 A
Insulating Material
PA 6.6
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
2.5 mm²
Impulse Voltage Rating
4.0 kV
Flammability Rating
V-2
max. Ambient Temperature Operation
70 °C
IP Code
IP20
IP Code when Plugged
IP40
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes


Similar Part No. - 162003

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
162003 FESTO-162003 Datasheet
95Kb / 1P
Dual piston rod cylinder
logo
PHOENIX CONTACT
1620030 PHOENIX-1620030 Datasheet
561Kb / 16P
CA-12S1N8A9008 - Coupler connector
1620031 PHOENIX-1620031 Datasheet
65Kb / 4P
Coupler connector - CA-12P1N129008
1620032 PHOENIX-1620032 Datasheet
64Kb / 4P
Coupler connector - CA-12S1N129008
1620033 PHOENIX-1620033 Datasheet
604Kb / 19P
CA-09P1N8A9008 - Coupler connector
More results

Similar Description - 162003

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
162253K ADELS-162253K Datasheet
125Kb / 3P
AC 166 GSTF/310 pebble grey Zel white
12/11/2019
162263K ADELS-162263K Datasheet
127Kb / 3P
AC 166 GSTF/310 pebble grey ZEL black
12/11/2019
162653K ADELS-162653K Datasheet
125Kb / 3P
AC 166 GSTF/325 pebble grey ZEL white
12/11/2019
162663K ADELS-162663K Datasheet
127Kb / 3P
AC 166 GSTF/325 pebble grey ZEL black
12/11/2019
165003 ADELS-165003 Datasheet
124Kb / 3P
AC 166 GBU/ 3 pebble grey
12/11/2019
165263K ADELS-165263K Datasheet
126Kb / 2P
AC 166 GBUF/310 pebble grey ZEL black
12/11/2019
169003 ADELS-169003 Datasheet
120Kb / 2P
AC 166 GBULH/ 3 pebble grey
12/11/2019
169303 ADELS-169303 Datasheet
120Kb / 2P
AC 166 GBULV/ 3 pebble grey
12/11/2019
169603 ADELS-169603 Datasheet
120Kb / 2P
AC 166 GSTLV/ 3 pebble grey
12/11/2019
169903 ADELS-169903 Datasheet
120Kb / 2P
AC 166 GSTLH/ 3 pebble grey
12/11/2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com