Electronic Components Datasheet Search
  English  ▼

X  

162003 Datasheet(PDF) 2 Page - Adels-Contact

Part # 162003
Description  AC 166 GST/ 3 pebble grey
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

162003 Datasheet(HTML) 2 Page - Adels-Contact

  162003 Datasheet HTML 1Page - Adels-Contact 162003 Datasheet HTML 2Page - Adels-Contact 162003 Datasheet HTML 3Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
12/11/2019
Stripping Length
7.0 mm
Dismantling Length PE
39.0 mm
Dismantling Length
32.0 mm
Assembly Contact Screw
0.8x4.0 / 0.5 Nm
Approbation EN61535
AC166-G_Leitungen_EN61535_20121212_20180725_VDE_ENEC_40036146_web.pdf
Approbation UL
160_163_AC164_AC166_20011003_20170727_UL_E220480_Sec.1-01_Description_web.pdf
Approbation CSA
AC_160-163-166_166G_20080321_CSA_1997949_Certificate_web.pdf
Accessories
AC 166-1/ 3 ZEL F white
166153
AC 166-1/ 3 ZEL FH white
166153H
AC 166-1/ 3 ZEL FO white
166153O
AC 166-1/ 3 ZEL R white
166053
AC 166-1/ 3 ZEL RH white
166053H
AC 166-1/ 3 ZEL RO white
166053O
AC 166-1/ 3 ZEL F black
166163
AC 166-1/ 3 ZEL FEH black
166163EH
AC 166-1/ 3 ZEL FEO black
166163EO
AC 166-1/ 3 ZEL FH black
166163H
AC 166-1/ 3 ZEL FO black
166163O
AC 166-1/ 3 ZEL R black
166063
AC 166-1/ 3 ZEL RH black
166063H
AC 166-1/ 3 ZEL RO black
166063O
AC 166-1/ 6 ZEL R white
166056
AC 166-1/ 6 ZEL RH white
166056H
AC 166-1/ 6 ZEL RO white
166056O
AC 166-1/ 6 ZEL R black
166066
AC 166-1/ 6 ZEL RH black
166066H
AC 166-1/ 6 ZEL RO black
166066O
AC 166 GKU/ 3 white
167053
AC 166 GKU/ 3 black
167063
AC 166 VKH/ 3 white
169253
AC 166 VKH/ 3 black
169263
AC 166 VKE/ 3 white
169153
AC 166 VKE/ 3 black
169163
AC 166 VKH/ 3 white
169253
AC 166 VKH/ 3 black
169263
AC 166 VKE/ 3 white
169153
AC 166 VKE/ 3 black
169163
AC 166 VKH/ 3 white
169253
AC 166 VKH/ 3 black
169263
AC 166 VKE/ 3 white
169153



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com