Electronic Components Datasheet Search
  English  ▼

X  

04023F104F4Z2A Datasheet(PDF) 4 Page - AVX Corporation

Part # 04023F104F4Z2A
Description  General Specifications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

04023F104F4Z2A Datasheet(HTML) 4 Page - AVX Corporation

  04023F104F4Z2A Datasheet HTML 1Page - AVX Corporation 04023F104F4Z2A Datasheet HTML 2Page - AVX Corporation 04023F104F4Z2A Datasheet HTML 3Page - AVX Corporation 04023F104F4Z2A Datasheet HTML 4Page - AVX Corporation 04023F104F4Z2A Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
56
Automotive MLCC - X7R
Capacitance Range
SIZE
0402
0603
0805
1206
1210
1812
2220
Soldering Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow Only
Reflow Only Reflow Only
WVDC
16V 25V 50V 10V 16V 25V 50V 100V 200V 250V 16V 25V 50V 100V200V 250V 16V 25V 50V 100V 200V 250V 500V 16V 25V 50V 100V 50V 100V 25V 50V 100V
221 Cap 220 C
C
C
C
271 (pF) 270 C
C
C
331
330
C
C
C
391
390
C
C
C
471
470
C
C
C
561
560
C
C
C
681
680
C
C
C
821
820
C
C
C
102 1000
C
C
C
G
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
K
K
K
K
K
K
182 1800
C
C
C
G
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
K
K
K
K
K
K
222 2200
C
C
C
G
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
K
K
K
K
K
K
332 3300
C
C
C
G
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
K
K
K
K
K
K
472 4700
C
C
C
G
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
K
K
K
K
K
K
103 Cap 0.01 C
G
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
K
K
K
K
K
K
123 (F) 0.012 C
G
G
G
G
G
J
J
J
N
N
N
J
J
J
J
J
J
K
K
K
K
K
K
153 0.015
C
G
G
G
G
G
J
J
J
N
N
N
J
J
J
J
J
J
K
K
K
K
K
K
183 0.018
C
G
G
G
G
G
J
J
J
N
N
N
J
J
J
J
J
J
K
K
K
K
K
K
223 0.022
C
G
G
G
G
G
J
J
J
N
N
N
J
J
J
J
J
J
K
K
K
K
K
K
273 0.027
C
G
G
G
G
J
J
J
N
N
N
J
J
J
J
J
J
K
K
K
K
K
K
333 0.033
C
G
G
G
G
J
J
J
N
N
N
J
J
J
J
J
J
K
K
K
K
K
K
473 0.047
G
G
G
G
J
J
J
N
N
N
J
J
J
M
M
M
K
K
K
K
K
K
563 0.056
G
G
G
G
J
J
J
N
J
J
J
M
M
M
K
K
K
M
K
K
683 0.068
G
G
G
G
J
J
J
N
J
J
J
M
M
M
K
K
K
M
K
K
823 0.082
G
G
G
G
J
J
J
N
J
J
J
M
M
M
K
K
K
M
K
K
104
0.1
G
G
G
G
J
J
M
N
J
J
J
M
P
P
K
K
K
M
K
K
124
0.12
G
J
J
N
N
J
J
M
M
Q
Q
K
K
K
P
K
K
154
0.15
G
M
N
N
N
J
J
M
M
Q
Q
K
K
K
P
K
K
224
0.22
G
M
N
N
N
J
M M
Q
Q
Q
M
M
M
P
M
M
334
0.33
N
N
N
N
J
M
P
Q
P
P
P
Q
X
X
474
0.47
N
N
N
N
M
M
P
Q
P
P
P
Q
X
X
684
0.68
N
N
N
M
Q
Q
Q
P
P
Q
X
X
X
105
1
N
N
N
M
Q
Q
Q
P
Q
Q
X
X
X
Z
Z
155
1.5
Q
Q
Q
Q
P
Q
Z
Z
X
X
Z
Z
225
2.2
Q
Q
Q
Q
X
Z
Z
Z
Z
Z
Z
Z
335
3.3
Q
Q
Q
X
Z
Z
Z
Z
Z
Z
475
4.7
Q
Q
Q
X
Z
Z
Z
Z
Z
Z
106
10
Z
Z
Z
Z
Z
Z
Z
226
22
Z
WVDC
16V 25V 50V 10V 16V 25V 50V 100V 200V 250V 16V 25V 50V 100V 200V 250V 16V 25V 50V 100V 200V 250V 500V 16V 25V 50V 100V 50V 100V 25V 50V 100V
Size
0402
0603
0805
1206
1210
1812
2220
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
Thickness
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040) (0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
101518



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com