Electronic Components Datasheet Search
  English  ▼

X  

04023F104F4Z2A Datasheet(PDF) 1 Page - AVX Corporation

Part # 04023F104F4Z2A
Description  General Specifications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

04023F104F4Z2A Datasheet(HTML) 1 Page - AVX Corporation

  04023F104F4Z2A Datasheet HTML 1Page - AVX Corporation 04023F104F4Z2A Datasheet HTML 2Page - AVX Corporation 04023F104F4Z2A Datasheet HTML 3Page - AVX Corporation 04023F104F4Z2A Datasheet HTML 4Page - AVX Corporation 04023F104F4Z2A Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
53
Automotive MLCC
General Specifications
GENERAL DESCRIPTION
AVX Corporation has supported the Automotive Industry requirements for Multilayer Ceramic Capacitors
consistently for more than 25 years. Products have been developed and tested specifically for automotive
applications and all manufacturing facilities are QS9000 and VDA 6.4 approved.
AVX is using AECQ200 as the qualification vehicle for this transition. A detailed qualification package is available
on request and contains results on a range of part numbers.
HOW TO ORDER
0805
5
A
K
4
2
A
T
104
Dielectric
NP0 = A
X7R = C
X8R = F
Capacitance
Tolerance
F = ±1% (≥10pF)*
G = ±2% (≥10pF)*
J = ±5% (≤1μF)
K = ±10%
M = ±20%
*NPO only
Failure
Rate
4=Automotive
Packaging
2 = 7" Reel
4 = 13" Reel
Special Code
A = Std.Product
Terminations
T=PlatedNiandSn
Z=FLEXITERM®**
U=ConductiveEpo
**X7R
X8Ronly
Capacitance
Code (In pF)
2 Sig. Digits +
Number of Zeros
e.g. 10 F = 106
Voltage
6.3V = 6
10V = Z
16V = Y
25V = 3
35V = D
50V = 5
100V = 1
200V = 2
500V = 7
Contact factory for availability of Tolerance Options for Specific Part Numbers.
NOTE: Contact factory for non-specified capacitance values
0402 case size available in T termination only.
Size
0402
0603
0805
1206
1210
1812
COMMERCIAL VS AUTOMOTIVE MLCC PROCESS COMPARISON
Commercial
Automotive
Administrative
Standard Part Numbers.
No restriction on who purchases these parts.
Specific Automotive Part Number. sed to control
supply of product to Automotive customers.
Design
Minimum ceramic thickness of 0.020”
Minimum Ceramic thickness of 0.029” (0.74mm) on
all X7R product.
Dicing
Side & End Margins = 0.003” min
Side & End Margins = 0.004” min Cover Layers =
0.003” min
Lot Qualification
(Destructive Physical
Analysis - DPA)
As per EIA RS469
Increased sample plan stricter criteria.
Visual/Cosmetic Quality
Standard process and inspection
100% inspection
Application Robustness
Standard sampling for accelerated wave solder
on X7R dielectrics
Increased sampling for accelerated wave solder on
X7R and NP0 followed by lot by lot reliability testing.
All Tests have Accept/Reject Criteria 0/1
080619


Similar Part No. - 04023F104F4Z2A

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
04023F104F4Z2A KSS-04023F104F4Z2A Datasheet
339Kb / 5P
Automotive MLCC
Rev 1
More results

Similar Description - 04023F104F4Z2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
General Specifications
06035A2R7BAT2A AVX-06035A2R7BAT2A Datasheet
134Kb / 4P
General Specifications
06035C103KAT4A AVX-06035C103KAT4A Datasheet
131Kb / 4P
General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
General Specifications
08055C220JAT2A AVX-08055C220JAT2A Datasheet
131Kb / 4P
General Specifications
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
General Specifications
logo
Nihon Kaiheiki Industry...
M2012S2A2G30 NKK-M2012S2A2G30 Datasheet
338Kb / 10P
General Specifications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com