Electronic Components Datasheet Search
  English  ▼

X  

EM78P451SP Datasheet(PDF) 27 Page - ELAN Microelectronics Corp

Part # EM78P451SP
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451SP Datasheet(HTML) 27 Page - ELAN Microelectronics Corp

Back Button EM78P451SP Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 31Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
EM78P451S
8-Bit Microcontroller with OTP ROM
Product Specification (V1.0) 06.01.2004
• 23
(This specification is subject to change without further notice)
Bit 2~0 (S BRS):SPI Baud Rate Select Bits
SBRS2 (Bit 2)
SBRS1 (Bit 1)
SBRS0 (Bit 0)
Mode
Baud Rate
0
0
0
Master
Fsco/2
0
0
1
Master
Fsco/4
0
1
0
Master
Fsco/8
0
1
1
Master
Fsco/16
1
0
0
Master
Fsco/32
1
0
1
Slave
/SS enable
1
1
0
Slave
/SS disable
1
1
1
Master
TMR1/2
NOTE
In master mode, /SS is disable.
INTC: Interrupt control register
Bit 3 (TM1IE) TM1IE interrupt enable bit.
0: disable TM1IE interrupt
1: enable TM1IE interrupt
Bit 2 (SPIIE) SPI interrupt enable bit.
0: disable SPI interrupt
1: enable SPI interrupt
Bit 1 (EXIE) EXIF interrupt enable bit.
0: disable EXIF interrupt
1: enable EXIF interrupt
Bit 0 (TCIE) TCIF interrupt enable bit.
0: disable TCIF interrupt
1: enable TCIF interrupt
Table 3 Related Status/Data Registers of the SPI Mode
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0X0A
SPIRB/RA
SRB7
SRB6
SRB5
SRB4
SRB3
SRB2
SRB1
SRB0
0x0B
SPIWB/RB
SWB7
SWB6
SWB5
SWB4
SWB3
SWB2
SWB1
SWB0
0x0C
SPIS/RC
0
0
0
TM1IF
OD3
OD4
RBFIF
RBF
SPIRB: SPI Read Buffer. Once the serial data is received completely, it will load to
SPIRB from SPISR. The RBF bit and the RBFIF bit in the SPIS register will be
set also.
SPIWB: SPI Write Buffer. As a transmitted data is loaded, the SPIS register stands by
and start to shift the data when sensing SCK edge with SSE set to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com