Electronic Components Datasheet Search
  English  ▼

X  

EM78P451SP Datasheet(PDF) 47 Page - ELAN Microelectronics Corp

Part # EM78P451SP
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451SP Datasheet(HTML) 47 Page - ELAN Microelectronics Corp

Back Button EM78P451SP Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 51Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
EM78P451S
8-Bit Microcontroller with OTP ROM
Product Specification (V1.0) 06.01.2004
• 43
(This specification is subject to change without further notice)
(1). Every bit of any register can be set, cleared, or tested directly.
(2). The I/O register can be regarded as general register. That is, the same instruction
can operate on I/O register.
The symbol "R" represents a register designator that specifies which one of the
registers (including operational registers and general purpose registers) is to be utilized
by the instruction. Bits 6 and 7 in R4 determine the selected register bank. "b"
represents a bit field designator that selects the value for the bit located in the register
"R" and affects operation. "k" represents an 8 or 10-bit constant or literal value.
INSTRUCTION BINARY
HEX
MNEMONIC
OPERATION
STATUS AFFECTED
0 0000 0000 0000
0000
NOP
No Operation
None
0 0000 0000 0001
0001
DAA
Decimal Adjust A
C
0 0000 0000 0010
0002
CONTW
A
→ CONT
None
0 0000 0000 0011
0003
SLEP
0
→ WDT, Stop oscillator
T,P
0 0000 0000 0100
0004
WDTC
0
→ WDT
T,P
0 0000 0000 rrrr
000r
IOW R
A
→ IOCR
None <Note1>
0 0000 0001 0000
0010
ENI
Enable Interrupt
None
0 0000 0001 0001
0011
DISI
Disable Interrupt
None
0 0000 0001 0010
0012
RET
[Top of Stack]
→ PC
None
0 0000 0001 0011
0013
RETI
[Top of Stack]
→ PC,
Enable Interrupt
None
0 0000 0001 0100
0014
CONTR
CONT
→ A
None
0 0000 0001 rrrr
001r
IOR R
IOCR
→ A
None <Note1>
0 0000 0010 0000
0020
TBL
R2+A
→ R2,
Bits 8~9 of R2 unchanged
Z,C,DC
0 0000 01rr rrrr
00rr
MOV R,A
A
→ R
None
0 0000 1000 0000
0080
CLRA
0
→ A
Z
0 0000 11rr rrrr
00rr
CLR R
0
→ R
Z
0 0001 00rr rrrr
01rr
SUB A,R
R-A
→ A
Z,C,DC
0 0001 01rr rrrr
01rr
SUB R,A
R-A
→ R
Z,C,DC
0 0001 10rr rrrr
01rr
DECA R
R-1
→ A
Z
0 0001 11rr rrrr
01rr
DEC R
R-1
→ R
Z
0 0010 00rr rrrr
02rr
OR A,R
A
∨ VR → A
Z
0 0010 01rr rrrr
02rr
OR R,A
A
∨ VR → R
Z
0 0010 10rr rrrr
02rr
AND A,R
A & R
→ A
Z
0 0010 11rr rrrr
02rr
AND R,A
A & R
→ R
Z
0 0011 00rr rrrr
03rr
XOR A,R
A
⊕ R → A
Z
0 0011 01rr rrrr
03rr
XOR R,A
A
⊕ R → R
Z
0 0011 10rr rrrr
03rr
ADD A,R
A + R
→ A
Z,C,DC
0 0011 11rr rrrr
03rr
ADD R,A
A + R
→ R
Z,C,DC
0 0100 00rr rrrr
04rr
MOV A,R
R
→ A
Z
0 0100 01rr rrrr
04rr
MOV R,R
R
→ R
Z
0 0100 10rr rrrr
04rr
COMA R
/R
→ A
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com