Electronic Components Datasheet Search
  English  ▼

X  

GRF2140 Datasheet(PDF) 3 Page - Guerrilla RF, Inc.

Part # GRF2140
Description  Low Current LNA w/Bypass Tuning Range: 0.1 to 3.8 GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF2140 Datasheet(HTML) 3 Page - Guerrilla RF, Inc.

  GRF2140 Datasheet HTML 1Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 2Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 3Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 4Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 5Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 6Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 7Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 8Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 9Page - Guerrilla RF, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
GRF2140
Guerrilla RF Proprietary Information. Guerrilla RFTM and the composite logo of Guerrilla RFTM are trademarks of Guerrilla RF, Inc. ©2014 Guerrilla RF, Inc. All rights reserved.
Revision Date: 10/24/19
Please contact Guerrilla RF at (+1) 336-510-7840 or sales@guerrilla-rf.com
Released
Low Current LNA w/Bypass
Tuning Range: 0.1 to 3.8 GHz
Pin Out (Top View)
Pin Assignments:
VENABLE Truth Table:
Mode
Description
VENABLE/BYPASS
High Gain
High LNA Gain
1
Bypass
High Linearity Bypass
0
Logic Level “0”
Logic Low
0.0V to 0.3V
Logic Level “1”
Logic High
1.5V to Vdd
Pin
Name
Description
Note
1
VENABLE/BYPASS
LNA enable/Bypass Con-
trol
VENABLE and series resistor set IDDQ. VENABLE < 0.3 volts disables device.
On-die pull-down resistor will turn the part off if this node is allowed to
float.
2
NC
No Connect or Ground
No internal connections to die
3
RF_In
LNA RF input
Requires external DC block.
4
RF_Out/VDD
LNA RF output
Requires external bias inductor followed by DC block.
5
NC
No Connect or Ground
No internal connections to die
6
NC
No Connect or Ground
No internal connections to die
PKG BASE
GND
Ground
Provides DC and RF ground for LNA, as well as thermal heat sink. Rec-
ommend multiple 8 mil vias beneath the package for optimal RF and
thermal performance. Refer to evaluation board top layer graphic on
schematic page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com