Electronic Components Datasheet Search
  English  ▼

X  

GRF2140 Datasheet(PDF) 1 Page - Guerrilla RF, Inc.

Part # GRF2140
Description  Low Current LNA w/Bypass Tuning Range: 0.1 to 3.8 GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF2140 Datasheet(HTML) 1 Page - Guerrilla RF, Inc.

  GRF2140 Datasheet HTML 1Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 2Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 3Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 4Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 5Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 6Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 7Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 8Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 9Page - Guerrilla RF, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
GRF2140
Guerrilla RF Proprietary Information. Guerrilla RFTM and the composite logo of Guerrilla RFTM are trademarks of Guerrilla RF, Inc. ©2014 Guerrilla RF, Inc. All rights reserved.
Revision Date: 10/24/19
Please contact Guerrilla RF at (+1) 336-510-7840 or sales@guerrilla-rf.com
Released
Low Current LNA w/Bypass
Tuning Range: 0.1 to 3.8 GHz
GRF2140 is a low noise amplifier (LNA) with bypass de-
signed for high-performance WLAN/ISM and other appli-
cations up to 3.8 GHz.
The LNA is operated from a single positive supply of 2.7
to 5.0 V with typical bias condition of 3.3 volts and 18
mA.
Consult with the GRF applications engineering team for
custom tuning/evaluation board data and device s-
parameters.
Product Description
Features
Reference: 3.3V/18mA/1.95 GHz
• EVB NF: 1.1 dB
• Gain: 17.8 dB
• Bypass Gain: -2.5 dB
• OP1dB (Gain Mode): 9.3 dBm
• OP1dB (Bypass Mode): 21.8 dBm
• Flexible voltage: 2.7 to 5.0 volts
• Optimal for low Iddq to 8 mA
• Simple matching to 50 ohms
• Process: GaAs pHEMT
Applications
• WiFi Access Points
• Mobile WiFi Devices
• Cellular Boosters
• Drones
• UHF/900/2400 ISM
1.5 x 1.5 mm DFN-6


Similar Part No. - GRF2140

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF2100 GUERRILLA-GRF2100 Datasheet
822Kb / 11P
Low-current LNA 0.1??.8 GHz
GRF2100W GUERRILLA-GRF2100W Datasheet
1Mb / 17P
LOW-CURRENT LNA 0.1 to 3.8 GHz
May 1, 2023
GRF2101 GUERRILLA-GRF2101 Datasheet
858Kb / 12P
High Gain, Ultra-LNA Tuning Range: 4.0 to 10.0 GHz
GRF2105 GUERRILLA-GRF2105 Datasheet
889Kb / 13P
Enhanced Gain Flatness LNA 0.4 to 5.0 GHz
GRF2105W GUERRILLA-GRF2105W Datasheet
1Mb / 18P
ENHANCED GAIN FLATNESS LNA 0.4 to 5 GHz
February 21, 2023
More results

Similar Description - GRF2140

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF2077 GUERRILLA-GRF2077 Datasheet
1Mb / 13P
Failsafe Bypass LNA Tuning Range: 0.7 ??3.8 GHz
GRF2106 GUERRILLA-GRF2106 Datasheet
828Kb / 13P
High Gain, Low Current LNA Tuning Range: 0.1 to 4.2 GHz
GRF2243 GUERRILLA-GRF2243 Datasheet
1Mb / 18P
LNA with Bypass Tuning Range: 0.4 to 5.0 GHz
GRF2374 GUERRILLA-GRF2374 Datasheet
1Mb / 19P
Low Current LNA w/Bypass Tuning Range: 0.1 to 3.8 GHz
GRF5020 GUERRILLA-GRF5020 Datasheet
1Mb / 17P
30.5 dBm Power-LNA??Tuning Range: 0.1 ??3.8 GHz
GRF4004 GUERRILLA-GRF4004 Datasheet
894Kb / 13P
Broadband LNA/Linear Driver Tuning Range: 0.1—3.8 GHz
10/01/19
GRF4005 GUERRILLA-GRF4005 Datasheet
937Kb / 13P
Broadband LNA/Linear Driver Tuning Range: 0.1—3.8 GHz
10/01/19
GRF5040 GUERRILLA-GRF5040 Datasheet
1,009Kb / 15P
31.0 dBm Power-LNA™ Tuning Range: 0.1 – 3.8 GHz
10/01/19
GRF2100W GUERRILLA-GRF2100W Datasheet
1Mb / 17P
LOW-CURRENT LNA 0.1 to 3.8 GHz
May 1, 2023
GRF2108 GUERRILLA-GRF2108 Datasheet
807Kb / 13P
Low-current LNA 0.1—3.8 GHz
08/13/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com