Electronic Components Datasheet Search
  English  ▼

X  

GRF4100 Datasheet(PDF) 2 Page - Guerrilla RF, Inc.

Part # GRF4100
Description  Broadband Linear Driver 0.1??.8 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF4100 Datasheet(HTML) 2 Page - Guerrilla RF, Inc.

  GRF4100 Datasheet HTML 1Page - Guerrilla RF, Inc. GRF4100 Datasheet HTML 2Page - Guerrilla RF, Inc. GRF4100 Datasheet HTML 3Page - Guerrilla RF, Inc. GRF4100 Datasheet HTML 4Page - Guerrilla RF, Inc. GRF4100 Datasheet HTML 5Page - Guerrilla RF, Inc. GRF4100 Datasheet HTML 6Page - Guerrilla RF, Inc. GRF4100 Datasheet HTML 7Page - Guerrilla RF, Inc. GRF4100 Datasheet HTML 8Page - Guerrilla RF, Inc. GRF4100 Datasheet HTML 9Page - Guerrilla RF, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
GRF4100
Guerrilla RF Proprietary Information. Guerrilla RFTM and the composite logo of Guerrilla RFTM are trademarks of Guerrilla RF, Inc. ©2014 Guerrilla RF, Inc. All rights reserved.
Revision Date: 10/01/19
Please contact Guerrilla RF at (+1) 336-510-7840 or sales@guerrilla-rf.com
Preliminary
Broadband Linear Driver
0.1—3.8 GHz
Parameter
Symbol
Min.
Max.
Unit
Supply Voltage
VCC
0
6.0
V
RF Input Power: (Load VSWR < 2:1; VC: 5.0 volts)
PIN MAX
20
dBm
Operating Temperature (Package Heat Sink)
TAMB
-40
105
°C
Maximum Channel Temperature
(MTTF > 10^6 Hours)
TMAX
150
°C
Maximum Dissipated Power
PDISS MAX
250
mW
Electrostatic Discharge:
Charged Device Model:
CDM
TBD
V
Human Body Model:
HBM
TBD
V
Storage:
Storage Temperature
TSTG
-65
150
°C
Moisture Sensitivity Level
MSL
1
--
Absolute Ratings:
Caution! ESD Sensitive Device
Exceeding Absolute Maximum Rating conditions may cause permanent damage to the device.
Note: For manufacturing information, see the Guerrilla-RF.com website for the following docu-
ment located on the GRF4100 landing page: Manufacturing Note—MN-001 Product Tape and
Reel, Solderability and Package Outline Specification.
Link to manufacturing note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com