Electronic Components Datasheet Search
  English  ▼

X  

GRF4100 Datasheet(PDF) 13 Page - Guerrilla RF, Inc.

Part # GRF4100
Description  Broadband Linear Driver 0.1??.8 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF4100 Datasheet(HTML) 13 Page - Guerrilla RF, Inc.

Back Button GRF4100 Datasheet HTML 5Page - Guerrilla RF, Inc. GRF4100 Datasheet HTML 6Page - Guerrilla RF, Inc. GRF4100 Datasheet HTML 7Page - Guerrilla RF, Inc. GRF4100 Datasheet HTML 8Page - Guerrilla RF, Inc. GRF4100 Datasheet HTML 9Page - Guerrilla RF, Inc. GRF4100 Datasheet HTML 10Page - Guerrilla RF, Inc. GRF4100 Datasheet HTML 11Page - Guerrilla RF, Inc. GRF4100 Datasheet HTML 12Page - Guerrilla RF, Inc. GRF4100 Datasheet HTML 13Page - Guerrilla RF, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
GRF4100
Guerrilla RF Proprietary Information. Guerrilla RFTM and the composite logo of Guerrilla RFTM are trademarks of Guerrilla RF, Inc. ©2014 Guerrilla RF, Inc. All rights reserved.
Revision Date: 10/01/19
Please contact Guerrilla RF at (+1) 336-510-7840 or sales@guerrilla-rf.com
Preliminary
Broadband Linear Driver
0.1—3.8 GHz
Data Sheet Release Status:
Notes
Advance
S-parameter and NF data based on EM simulations for the fully packaged device
using foundry supplied transistor s-parameters. Linearity estimates based on de-
vice size, bias condition and experience with related devices.
Preliminary
All data based on evaluation board measurements in the Guerrilla RF Applications
Lab.
Released
All data based on device qualification data. Typically, this data is nearly identical to
the data found in the preliminary version. Max and min values for key RF parame-
ters are included.
Information in this datasheet is specific to the Guerrilla RF, Inc. (“Guerrilla RF”) product identified.
This datasheet, including the information contained in it, is provided by Guerrilla RF as a service to its customers and may be used for informational purposes
only by the customer. Guerrilla RF assumes no responsibility for errors or omissions on this datasheet or the information contained herein. Information provided
is believed to be accurate and reliable, however, no responsibility is assumed by Guerrilla RF for its use, nor for any infringement of patents, or other rights of
third parties, resulting from its use. Guerrilla RF assumes no liability for any datasheet, datasheet information, materials, products, product information, or other
information provided hereunder, including the sale, distribution, reproduction or use of Guerrilla RF products, information or materials.
No license, whether express, implied, by estoppel, by implication or otherwise is granted by this datasheet for any intellectual property of Guerrilla RF, or any
third party, including without limitation, patents, patent rights, copyrights, trademarks and trade secrets. All rights are reserved by Guerrilla RF.
All information herein, products, product information, datasheets, and datasheet information are subject to change and availability without notice. Guerrilla RF
reserves the right to change component circuitry, recommended application circuitry and specifications at any time without prior notice. Guerrilla RF may further
change its datasheet, product information, documentation, products, services, specifications or product descriptions at any time, without notice. Guerrilla RF
makes no commitment to update any materials or information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties
arising from any future changes.
GUERRILLA RF INFORMATION, PRODUCTS, PRODUCT INFORMATION, DATASHEETS AND DATASHEET INFORMATION ARE PROVIDED “AS IS” AND WITHOUT WAR-
RANTY OF ANY KIND, WHETHER EXPRESS, IMPLIED, STATUTORY, OR OTHERWISE, INCLUDING FITNESS FOR A PARTICULAR PURPOSE OR USE, MERCHANTABILITY,
PERFORMANCE, QUALITY OR NON-INFRINGEMENT OF ANY INTELLECTUAL PROPERTY RIGHT; ALL SUCH WARRANTIES ARE HEREBY EXPRESSLY DISCLAIMED. GUER-
RILLA RF DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATE-
RIALS. GUERRILLA RF SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING BUT NOT LIMITED TO ANY SPECIAL, INDIRECT, INCIDENTAL, STATUTORY, OR CONSE-
QUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THE MATERIALS OR INFOR-
MATION, WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGE.
Customers are solely responsible for their use of Guerrilla RF products in the Customer’s products and applications or in ways which deviate from Guerrilla RF’s
published specifications, either intentionally or as a result of design defects, errors, or operation of products outside of published parameters or design specifica-
tions. Customers should include design and operating safeguards to minimize these and other risks. Guerrilla RF assumes no liability or responsibility for applica-
tions assistance, customer product design, or damage to any equipment resulting from the use of Guerrilla RF products outside of stated published specifications
or parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com