Electronic Components Datasheet Search
  English  ▼

X  

EPVP6300 Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EPVP6300
Description  VFD Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EPVP6300 Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EPVP6300 Datasheet HTML 17Page - ELAN Microelectronics Corp EPVP6300 Datasheet HTML 18Page - ELAN Microelectronics Corp EPVP6300 Datasheet HTML 19Page - ELAN Microelectronics Corp EPVP6300 Datasheet HTML 20Page - ELAN Microelectronics Corp EPVP6300 Datasheet HTML 21Page - ELAN Microelectronics Corp EPVP6300 Datasheet HTML 22Page - ELAN Microelectronics Corp EPVP6300 Datasheet HTML 23Page - ELAN Microelectronics Corp EPVP6300 Datasheet HTML 24Page - ELAN Microelectronics Corp EPVP6300 Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
ePVP6300
VFD Controller
This specification is subject to change without further notice.
11/04
.2004 (V1.92)15 of 63
This is a CMOS multi-channel 10-bit successive approximation A/D converter.
Features:
74.6kHz maximum conversion speed at 5V
Adjusted full scale input
External reference voltage input or internal (VDD) reference voltage
6 analog inputs multiplexed into one A/D converter
Power down mode for power saving
A/D conversion complete interrupt
Interrupt register, A/D control and status register, and A/D data register
Fig. 5 ADC Voltage Control Logic
fadcon = fadc / 12
fpll
Mx
fs
Nx = 1
Nx = 2
Nx = 4
Nx = 8
14.331MHz
16
895.658kHz
74.638kHz
37.391kHz
18.659khz
9.329kHz
10.747MHz
12
895.658kHz
74.638kHz
37.391kHz
18.659khz
9.329kHz
7.165MHz
8
895.658kHz
74.638kHz
37.391kHz
18.659khz
9.329kHz
3.582MHz
4
895.658kHz
74.638kHz
37.391kHz
18.659khz
9.329kHz
1.791MHz
2
895.658kHz
74.638kHz
37.391kHz
18.659khz
9.329kHz
895.658kHz
1
895.658kHz
74.638kHz
37.391kHz
18.659khz
9.329kHz
447.829kHz
1
447.829kHz
37.391kHz
18.659khz
9.329kHz
4.665kHz
Bit 5 ~ Bit 7 (IN0 ~ IN2) : Input channel selection of AD converter
These two bits can choose one of the three AD inputs.
IN2
IN1
IN0
Input
0
0
0
AD1
0
0
1
AD2
0
1
0
AD3
0
1
1
AD4
1
0
0
AD5
1
0
1
AD6
Programmable
divider
1/Mx
Divider
Nx
10-bit
ADC
ADCLK1~ADCLK0
fs
ADC output
PLL
ENPLL
CLK2 ~ CLK0
fpll
fad
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com