Electronic Components Datasheet Search
  English  ▼

X  

EPVP6300 Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EPVP6300
Description  VFD Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EPVP6300 Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EPVP6300 Datasheet HTML 9Page - ELAN Microelectronics Corp EPVP6300 Datasheet HTML 10Page - ELAN Microelectronics Corp EPVP6300 Datasheet HTML 11Page - ELAN Microelectronics Corp EPVP6300 Datasheet HTML 12Page - ELAN Microelectronics Corp EPVP6300 Datasheet HTML 13Page - ELAN Microelectronics Corp EPVP6300 Datasheet HTML 14Page - ELAN Microelectronics Corp EPVP6300 Datasheet HTML 15Page - ELAN Microelectronics Corp EPVP6300 Datasheet HTML 16Page - ELAN Microelectronics Corp EPVP6300 Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
ePVP6300
VFD Controller
This specification is subject to change without further notice.
11/04
.2004 (V1.92) 7 of 63
39-42
(C Cell)
SG4/KS4
– SG1/KS1 I/O 4
1. High voltage segment output
2. Matrix key scan output
3. General Purpose Input pins: p54~p57
45 – 52
GPIO90/LED0 –
GPIO97/LED7
I/O 8
1. General Purpose I/O pins
2. LED output pin (20mA)
3. IR Detector
4. Interrupt Function
5. Programmable Internal Pull-High
Schmitt
Pull-up
12
AVDD
I
1 Analog Power
63
PLLC
I
1
Phase Lock Loop Capacitor (connect a Capacitor 0.01 to 0.047u
to the Ground).
4
AVSS
I
1 Analog Ground
64
OSCI
I
1
Crystal Oscillator input pin (32, 768KHz) or resister input pin for
RC Oscillator
1
OSCO
O
1 Crystal Oscillator output pin (32, 768KHz)
3
VSS
-
1 Connect this pin to GND of the system
5-11
GPIOB0 – GPIOB6
I/O 7
General Purpose I/O pins:
1. Power Module CTRL
2. MPEG Power CTRL
3. Reset CTRL
4. ADC/VREF
5. ADC/AD1~AD6
2
CRYXRC
I
1
1. Normal (Open)→ select Crystal Oscillator
2. Connect to GND → select RC Oscillator
Pull-up
44
/RESET
I
1 Low active RESET signal input
Schmitt
43
VEE
-
1 Pull-down level (VDD-(-40V)max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com