Electronic Components Datasheet Search
  English  ▼

X  

AM93LC86 Datasheet(PDF) 1 Page - Anachip Corp

Part # AM93LC86
Description  16384-bits Serial Electrically Erasable PROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AM93LC86 Datasheet(HTML) 1 Page - Anachip Corp

  AM93LC86 Datasheet HTML 1Page - Anachip Corp AM93LC86 Datasheet HTML 2Page - Anachip Corp AM93LC86 Datasheet HTML 3Page - Anachip Corp AM93LC86 Datasheet HTML 4Page - Anachip Corp AM93LC86 Datasheet HTML 5Page - Anachip Corp AM93LC86 Datasheet HTML 6Page - Anachip Corp AM93LC86 Datasheet HTML 7Page - Anachip Corp AM93LC86 Datasheet HTML 8Page - Anachip Corp AM93LC86 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AM93LC86
16384-bits Serial Electrically Erasable PROM
(Preliminary)
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev 0.1 Oct 20, 2003
1/12
Features
• State-of-the-art architecture
- Non-volatile data storage
- Standard voltage and low voltage operation
Vcc: 2.7V ~ 5.5V
- Full TTL compatible inputs and outputs
- Auto increment read for efficient data dump
• Hardware and software write protection
- Software instructions for write-enable/disable
- VCC
level
verification
before
self-timed
programming cycle
• Versatile, easy-to-use interface
- Self-timed programming cycle
- Automatic erase-before-write
- Programming status indicator
- Word and chip erasable
- Stop SK anytime for power savings
• Durability and reliability
- 40 years data retention
- Minimum of 1M write cycles per word
- Unlimited read cycles
- ESD protection
Pin Assignments
1
3
2
4
8
6
7
5
1
3
2
4
8
6
7
5
PDIP Package
SOP Package
1
3
2
4
8
6
7
5
TSSOP Package
CS
SK
DI
DO
CS
SK
DI
DO
VCC
ORG
GND
WP
VCC
ORG
GND
WP
VCC
ORG
GND
WP
CS
SK
DI
DO
General Description
The AM93LC86 is the 16384-bit non-volatile serial
EEPROM. The AM93LC86 provides efficient
non-volatile read/write memory arranged as 1024
words of 16 bits each when the ORG Pin is
connected to VCC and 2048 words of 8 bits each
when it is tied to ground. The instruction set
includes read, write, and write enable/disable
functions. The data out pin (DO) indicates the
status
of the
device during
the
self-timed
non-volatile programming cycle.
The self-timed write cycle includes an automatic
erase-before-write capability. Only when the chip is
in the write enable state and proper Vcc operation
range is the write instruction accepted and thus to
protect against inadvertent writes. Data is written in
16 bits per write instruction into the selected
register. If chip select (CS) is brought high after
initiation of the write cycle, the data output (DO) pin
will indicate the read/busy status of the chip.
The AM93LC86 is available in space-saving 8-lead
PDIP, SOP and TSSOP packages.
Pin Descriptions (note)
Name
Description
CS
Chip select
SK
Serial clock
DI
Data input
DO
Data output
GND
Ground
VCC
Power supply
WP
Write protection (active low)
ORG
Organization
Note: See pin descriptions (continued) for more details
Ordering Information
Type
Package
86: 16K
S : SOP-8L
N : PDIP-8L
TS: TSSOP-8L
Temp. grade
AM93 LC 86 X X X
Packing
Blank : Tube
A
: Taping
Operating Voltage
LC : 2.7V~5.5V,CMOS
Blank :
C
o
70
~
C
o
0
+
I
:
C
o
85
~
C
o
40
+
−


Similar Part No. - AM93LC86

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
1024-bits Serial Electrically Erasable PROM
AM93LC46GS8 ETC-AM93LC46GS8 Datasheet
189Kb / 10P
1024-bits Serial Electrically Erasable PROM
AM93LC46GS8A ETC-AM93LC46GS8A Datasheet
189Kb / 10P
1024-bits Serial Electrically Erasable PROM
AM93LC46IGS8 ETC-AM93LC46IGS8 Datasheet
189Kb / 10P
1024-bits Serial Electrically Erasable PROM
AM93LC46IGS8A ETC-AM93LC46IGS8A Datasheet
189Kb / 10P
1024-bits Serial Electrically Erasable PROM
More results

Similar Description - AM93LC86

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
4,096-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
1024-bits Serial Electrically Erasable PROM
logo
Anachip Corp
AM93LC66 ANACHIP-AM93LC66 Datasheet
188Kb / 10P
4096-bits Serial Electrically Erasable PROM
Rev.A1 Oct 20, 2003
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Anachip Corp
AM93LC56 ANACHIP-AM93LC56 Datasheet
191Kb / 10P
2048-bits Serial Electrically Erasable PROM
Rev.A1 Oct 20, 2003
logo
List of Unclassifed Man...
AV93LC46 ETC1-AV93LC46 Datasheet
214Kb / 9P
1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
1,024-Bit Serial Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com