Electronic Components Datasheet Search
  English  ▼

X  

AM93LC86 Datasheet(PDF) 12 Page - Anachip Corp

Part # AM93LC86
Description  16384-bits Serial Electrically Erasable PROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AM93LC86 Datasheet(HTML) 12 Page - Anachip Corp

Back Button AM93LC86 Datasheet HTML 4Page - Anachip Corp AM93LC86 Datasheet HTML 5Page - Anachip Corp AM93LC86 Datasheet HTML 6Page - Anachip Corp AM93LC86 Datasheet HTML 7Page - Anachip Corp AM93LC86 Datasheet HTML 8Page - Anachip Corp AM93LC86 Datasheet HTML 9Page - Anachip Corp AM93LC86 Datasheet HTML 10Page - Anachip Corp AM93LC86 Datasheet HTML 11Page - Anachip Corp AM93LC86 Datasheet HTML 12Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AM93LC86
16384-bits Serial Electrically Erasable PROM
(Preliminary)
Anachip Corp.
www.anachip.com.tw
Rev 0.1 Oct 20, 2003
12/12
(3) Package Type: TSSOP-8L
b
y
e
DETAIL A
DETAIL A
L 1
L
E1
L1
D
PIN 1 INDICATOR ψ0.70 mm
SURFACE POLISHED
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.05
1.10
1.20
0.041
0.043
0.047
A1
0.05
0.10
0.15
0.002
0.004
0.006
A2
-
1.00
1.05
-
0.039
0.041
b
0.20
0.25
0.28
0.008
0.01
0.011
C
-
0.13
-
-
0.005
-
D
2.90
3.05
3.10
0.114
0.12
0.122
E
6.20
6.40
6.60
0.244
0.252
0.26
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
-
0.65
-
-
0.026
-
L
0.50
0.60
0.70
0.02
0.024
0.028
L1
0.90
1.00
1.10
0.035
0.039
0.043
y
-
-
0.10
-
-
0.004
θ
0O
4O
8O
0O
4O
8O
Marking Information
PDIP/SOP/TSSOP Package
13
24
86
75
AC
93LC86X
YYWWX
Logo
Part Number & grade
C)
70
o
to
C
0
o
(
+
Date Code
YY: Year
WW: Nth week
X: Internal code
C)
85
o
to
C
40
-
o
(
+
X=Blank
X=I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com