Electronic Components Datasheet Search
  English  ▼

X  

165253K Datasheet(PDF) 1 Page - Adels-Contact

Part # 165253K
Description  AC 166 GBUF/310 pebble grey ZEL white
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

165253K Datasheet(HTML) 1 Page - Adels-Contact

  165253K Datasheet HTML 1Page - Adels-Contact 165253K Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12/11/2019
Connectors System AC 166®
Plug and Socket Connectors Flat Version
AC 166 GBUF/310 pebble grey ZEL white
Socket, 3 pole, pebble grey, Coding: 2 (Mains), Cable Diameter
min.: 4.5 mm, Cable Diameter max.: 5.5 mm, Voltage Rating: 250 V,
Current Rating: 20 A, Cross-Section: 2.5 mm², Connection Type: Screw
Order Info
Reference Number (ref. no.)
165253K
Applications
Lighting, Installation, Electrical Appliances
PU
0
Type
Type
Socket
Number of poles
3 pole
Clamping Units per Pole
1
Colour
pebble grey
Coding
2 (Mains)
Cross-Section
2.5 mm²
Connection Type
Screw
PE Function
yes
Protection Against Incorrect Plugging
yes
Technical Data
Voltage Rating
250 V
Current Rating
20 A
Insulating Material
PA 6.6
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
2.5 mm²
Impulse Voltage Rating
4.0 kV
Flammability Rating
V-2
max. Ambient Temperature Operation
70 °C
IP Code
IP20
IP Code when Plugged
IP40
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
7.0 mm


Similar Part No. - 165253K

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
165253 ADELS-165253 Datasheet
124Kb / 3P
AC 166 GBUF/310 white
12/11/2019
165253B ADELS-165253B Datasheet
125Kb / 2P
AC 166 GBUF/310 brown ZEL white
12/11/2019
165253D ADELS-165253D Datasheet
123Kb / 2P
AC 166 GBUF/310 dark grey ZEL white
12/11/2019
165253G ADELS-165253G Datasheet
125Kb / 2P
AC 166 GBUF/310 green ZEL white
12/11/2019
165253P ADELS-165253P Datasheet
124Kb / 2P
AC 166 GBUF/310 pastel blue ZEL white
12/11/2019
More results

Similar Description - 165253K

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
162253K ADELS-162253K Datasheet
125Kb / 3P
AC 166 GSTF/310 pebble grey Zel white
12/11/2019
162263K ADELS-162263K Datasheet
127Kb / 3P
AC 166 GSTF/310 pebble grey ZEL black
12/11/2019
165253B ADELS-165253B Datasheet
125Kb / 2P
AC 166 GBUF/310 brown ZEL white
12/11/2019
165253D ADELS-165253D Datasheet
123Kb / 2P
AC 166 GBUF/310 dark grey ZEL white
12/11/2019
165263D ADELS-165263D Datasheet
125Kb / 2P
AC 166 GBUF/310 dark grey ZEL black
12/11/2019
165263K ADELS-165263K Datasheet
126Kb / 2P
AC 166 GBUF/310 pebble grey ZEL black
12/11/2019
165453K ADELS-165453K Datasheet
123Kb / 2P
AC 166 GBUF/315 pebble grey ZEL white
12/11/2019
165463K ADELS-165463K Datasheet
125Kb / 2P
AC 166 GBUF/315 pebble grey ZEL black
12/11/2019
165653K ADELS-165653K Datasheet
124Kb / 3P
AC 166 GBUF/325 pebble grey ZEL white
12/11/2019
165663K ADELS-165663K Datasheet
127Kb / 3P
AC 166 GBUF/325 pebble grey ZEL black
12/11/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com