Electronic Components Datasheet Search
  English  ▼

X  

165253K Datasheet(PDF) 2 Page - Adels-Contact

Part # 165253K
Description  AC 166 GBUF/310 pebble grey ZEL white
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

165253K Datasheet(HTML) 2 Page - Adels-Contact

  165253K Datasheet HTML 1Page - Adels-Contact 165253K Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12/11/2019
Dismantling Length PE
39.0 mm
Dismantling Length
32.0 mm
Assembly Contact Screw
0.5x3.0 / 0.3 Nm
Assembly Strain Relief
PZ 1 / 0.5 Nm
Cable Diameter min.
4.5 mm
Cable Diameter max.
5.5 mm
Strain Relief
yes
Approbation EN61535
AC166-G_Leitungen_EN61535_20121212_20180725_VDE_ENEC_40036146_web.pdf
Approbation UL
160_163_AC164_AC166_20011003_20170727_UL_E220480_Sec.1-01_Description_web.pdf
Approbation CSA
AC_160-163-166_166G_20080321_CSA_1997949_Certificate_web.pdf
Accessories
AC 166-1/ 4 ZEL F white
166154
AC 166-1/ 4 ZEL FH white
166154H
AC 166-1/ 4 ZEL FO white
166154O
AC 166-1/ 4 ZEL R white
166054
AC 166-1/ 4 ZEL RH white
166054H
AC 166-1/ 4 ZEL RO white
166054O
AC 166-1/ 4 ZEL F black
166164
AC 166-1/ 4 ZEL FH black
166164H
AC 166-1/ 4 ZEL FO black
166164O
AC 166-1/ 4 ZEL R black
166064
AC 166-1/ 4 ZEL RH black
166064H
AC 166-1/ 4 ZEL RO black
166064O
AC 166 VSF white
169553
AC 166 VSF black
169563
AC 166 VSE white
169453
AC 166 VSE black
169463
AC 166 VSL white
169554
AC 166 VSL black
169564
AC 166 VSF white
169553
AC 166 VSF black
169563
AC 166 GVT 3/ 4 black
167164
AC 166 GVT 3/ 4 white
167154



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com