Electronic Components Datasheet Search
  English  ▼

X  

TL705 Datasheet(PDF) 4 Page - TEKTRONIX, INC.

Part # TL705
Description  Tektronix DMM4050 and DMM4040 Datasheet
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TL705 Datasheet(HTML) 4 Page - TEKTRONIX, INC.

  TL705 Datasheet HTML 1Page - TEKTRONIX, INC. TL705 Datasheet HTML 2Page - TEKTRONIX, INC. TL705 Datasheet HTML 3Page - TEKTRONIX, INC. TL705 Datasheet HTML 4Page - TEKTRONIX, INC. TL705 Datasheet HTML 5Page - TEKTRONIX, INC. TL705 Datasheet HTML 6Page - TEKTRONIX, INC. TL705 Datasheet HTML 7Page - TEKTRONIX, INC. TL705 Datasheet HTML 8Page - TEKTRONIX, INC. TL705 Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Datasheet
Characteristics
General Specifications
Voltage
Characteristic
Description
100 V Setting
90 V to 110 V
120 V Setting
108 V to 132 V
220 V Setting
198 V to 242 V
240 V Setting
216V to 264V
Frequency
47 Hz to 440 Hz. Automatically sensed at power-on
Power Consumption
28 VA peak (12 Watt average)
Dimensions
Dimension
mm
in.
Height
88
3.46
Width
217
8.56
Depth
297
11.7
Weight
kg
lb.
Net
3.6
8.0
Shipping
5.0
11.0
Display
Vacuum Fluorescent Display, dot matrix
Environment
Characteristic
Description
Temperature
Operating
0 °C to 55 °C
Storage
–40 °C to 70 °C
Warm Up
1 hour to full uncertainty specifications
Relative Humidity (noncondensing)
Operating
<90%(0°Cto28°C)
<80% (28 °Cto40°C)
<50% (40 °Cto55°C)
Storage
<95% (–40 °C to 70 °C)
Altitude
Operating
2,000 meters
Storage
12,000 meters
Vibration
Complies with Mil-T-28800F Type III, Class 5 (Sine only)
Safety
Designed to comply with IEC 61010-1:2000-1, UL
61010-1A1, CAN/CSA-C22.2 No. 61010.1, CAT I 1000V
/CAT II 600 V
EMC
Designed to comply with IEC 61326-1:2000-11 (EMC)
when used with shielded communications cables. This
meter has shown susceptibility to radiated frequencies
greater than 1 V/m from 250 to 450 MHz
Triggering
Characteristic
Description
Samples per Trigger
1to50,000
Trigger Delay
0 s to 3600 s; in 10 μs increments
External Trigger Delay
<1 ms
External Trigger Jitter
<500 μs
Trigger Input
TTL Levels
Trigger Output
5 V max (open collector)
Memory
Model
Description
DMM4050/4040
10,000 measurements, internal, and up to 2 Gigabyte
capacity with USB memory module (available
separately) through front-panel USB port
Math Functions
Zero, dBm, dB, MX+B, Offset, DCV ratio and TrendPlot, Histogram, Statistics
(min/max/average/standard deviation), and Limit Test
Dual Function Compatibility Matrix
Secondary Function
Primary
Function
VDC
VAC
IDC
IAC
FREQ
OHMS
DIODE
Period
RTD
VDC
X
VAC
XX
IDC
X
IAC
XX
FREQ
X
OHMS
X
DIODE
Continuity
X
4 www.tektronix.comdmm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com