Electronic Components Datasheet Search
  English  ▼

X  

TL705 Datasheet(PDF) 13 Page - TEKTRONIX, INC.

Part # TL705
Description  Tektronix DMM4050 and DMM4040 Datasheet
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TL705 Datasheet(HTML) 13 Page - TEKTRONIX, INC.

Back Button TL705 Datasheet HTML 9Page - TEKTRONIX, INC. TL705 Datasheet HTML 10Page - TEKTRONIX, INC. TL705 Datasheet HTML 11Page - TEKTRONIX, INC. TL705 Datasheet HTML 12Page - TEKTRONIX, INC. TL705 Datasheet HTML 13Page - TEKTRONIX, INC. TL705 Datasheet HTML 14Page - TEKTRONIX, INC. TL705 Datasheet HTML 15Page - TEKTRONIX, INC. TL705 Datasheet HTML 16Page - TEKTRONIX, INC. TL705 Datasheet HTML 17Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Digital Multimeters — Tektronix DMM4050 and DMM4040
Frequency
Characteristic
Description
Gate Time
Programmable to 1 s, 100 ms, and 10 ms
Measurement
Method
Flexible counting technique. AC-coupled input using
the AC voltage measurement function
Settling
Considerations
When measuring frequency or period after a DC
offset voltage change, errors may occur. For the
most accurate measurement, wait up to 1 second for
the input blocking capacitor to settle
Measurement
Considerations
To minimize measurement errors, shield inputs
from external noise when measuring low-voltage,
low-frequency signals
DMM4050/4040 Accuracy
Accuracy is given as ± % measurement
Range
Frequency
24 Hour
(23 °C ±1 °C)
90 Days
(23°C±5°C)
1 Year
(23°C ±5°C)
Temperature
Coefficient/°C
Outside18 to 28°C
3- 5Hz
0.1
0.1
0.1
0.005
5 - 10 Hz
0.05
0.05
0.05
0.005
10 - 40 Hz
0.03
0.03
0.03
0.001
40 Hz - 300 kHz
0.006
0.01
0.01
0.001
100 mV to 1000 V 10, 11
300 kHz - 1 MHz
0.006
0.01
0.01
0.001
10
Limitedto8 ×107 Volt-Hertz
11
Input >100 mV. For 10 - 100 mV, multiply percent measurement error by 10.
Gate Time vs. Resolution
Gate Time
Resolution
0.01
5½
0.1
6½
1.0
6½
Additional Low-frequency Errors
Error stated as percent of measurement for inputs >100 mV. For 10 - 100 mV,
multiply percent by 10.
NPLC
Frequency
6½
5½
4½
3 - 5 Hz
0
0.12
0.12
5 - 10 Hz
0
0.17
0.17
10 - 40 Hz
0
0.2
0.2
40 - 100 Hz
0
0.06
0.21
100 - 300 Hz
0
0.03
0.21
300Hz- 1kHz
0
0.01
0.07
>1 kHz
0
0
0.02
www.tektronix.comdmm 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com