Electronic Components Datasheet Search
  English  ▼

X  

ADP3041ARUZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADP3041ARUZ
Description  TFT LCD Panel Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3041ARUZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP3041ARUZ Datasheet HTML 8Page - Analog Devices ADP3041ARUZ Datasheet HTML 9Page - Analog Devices ADP3041ARUZ Datasheet HTML 10Page - Analog Devices ADP3041ARUZ Datasheet HTML 11Page - Analog Devices ADP3041ARUZ Datasheet HTML 12Page - Analog Devices ADP3041ARUZ Datasheet HTML 13Page - Analog Devices ADP3041ARUZ Datasheet HTML 14Page - Analog Devices ADP3041ARUZ Datasheet HTML 15Page - Analog Devices ADP3041ARUZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. D
–12–
ADP3041
As a rule, powdered iron cores saturate softly, whereas ferrite cores
saturate abruptly. Open drum core inductors tend to saturate
gradually and are low cost and small in size, making these
types of inductors attractive in many applications. However,
care must be exercised in their placement because they have
high magnetic fields. In applications that are sensitive to mag-
netic fields, shielded geometrics are recommended.
In addition, inductor losses must be considered. Both core and
copper losses contribute to loss in converter efficiency. To mini-
mize core losses, look for inductors rated for operation at high
switching frequencies. To minimize copper losses, it is best to
use low dc resistance inductors. Typically, it is best to use an
inductor with a dc resistance lower than 20 m
Ω per µH.
The inductor value can be estimated using
LV
V
M
OUT
IN
SLOPE
=
()×
–
(2)
where MSLOPE is the scaling factor for the proper slope compensation.
M
f
SLOPE
SW
=
1 456
.
(3)
Choose the closest standard inductor value as a starting point.
The corresponding peak inductor current can then be calculated.
I PEAK
I
V
V
VV
V
LV
f
L
OUT
OUT
IN
IN
OUT
IN
OUT
S
() =×


+
×
()
××


1
2
–
(4)
It is recommended to try several different inductor values, sizes,
and types to find the best inductor for the application. In gen-
eral, large inductor values lead to lower ripple current, less
output noise, and either larger size or higher dc resistance.
Conversely, low inductor values lead to higher ripple current,
more noise, and either smaller size or lower dc resistance. The
final inductor selection should be based on the best trade-off of
size, cost, and performance.
Capacitor Selection
The ADP3041 requires an input capacitor to reduce the switching
ripple and noise on the IN pin. The value of the input capaci-
tor depends on the application. For most applications, a minimum
of 10
µF is required. For applications that are running close to
current limit or that have large transient loads, input capacitors
in the range of 22
µF to 47 µF are required.
The selection of the output capacitor also depends on the
application. Given the allowable output ripple voltage, VOUT,
the criteria for selecting the output capacitor can be calcu-
lated using
CI
VV
fV
V
OUT
OUT
OUT
IN
S
OUT
OUT
≥×
()
××


8
–
∆
(5)
ESR
V
I PEAK
C
OUT
L
OUT
≤
()
∆
(6)
When selecting an output capacitor, make sure that the ripple
current rating is sufficient to cover the rms switching current
of the ADP3041. The ripple current in the output capacitor is
given by
IC
I
VV
V
RMS
OUT
OUT
OUT
IN
IN
() =
–
(7)
Multilayer ceramic capacitors are a good choice since they have
low ESR, high ripple current rating, and a very small package
size. Tantalum or OS-CON capacitors can be used; however,
they have a larger package size and higher ESR. Table II lists
some capacitor manufacturers. Consult the manufacturer for
more information.
Table II. Capacitor Manufacturers
Vendor
Phone No.
Web Address
AVX
843-448-9411
www.avxcorp.com
Murata
770-436-1300
www.murata.com
Sanyo
408-749-9714
www.sanyovideo.com
Taiyo Yuden
858-554-0755
www.t-yuden.com
Diode Selection
In specifying a diode, consideration must be given to speed,
forward current, forward voltage drop, reverse leakage current,
and the breakdown voltage. The output diode should be rated to
handle the maximum output current. If the output can be sub-
jected to accidental short circuits, then the diode must be rated to
handle currents up to the current limit of the ADP3041. The
breakdown rating of the diode must exceed the output voltage. A
high speed diode with low forward drop and low leakage will help
improve the efficiency of the converter by lowering the losses of
the diode. Schottky diodes are recommended.
Loop Compensation
Like most current programmed PWM converters, the ADP3041
needs compensation to maintain stability over the operating
conditions of the particular application. For operation at duty
cycles above 50%, the choice of inductor is critical in maintain-
ing stability. If the slope of the inductor current is too small or
too large, the circuit will be unstable. See the Inductor Selection
section for more information on choosing the proper inductor.
The ADP3041 provides a pin (COMP) for compensating the
voltage feedback loop. This is done by connecting a series RC
network from the COMP pin to GND (see Figure 2). For most
applications, the compensation resistor, RC, should be in the
range of 5 k
Ω < RC < 400 kΩ, and the compensation capacitor,
CC, in the range of 100 pF < CC < 10 nF. Further details for
selecting the compensation components follow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com