Electronic Components Datasheet Search
  English  ▼

X  

ADP3041ARUZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3041ARUZ
Description  TFT LCD Panel Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3041ARUZ Datasheet(HTML) 3 Page - Analog Devices

  ADP3041ARUZ Datasheet HTML 1Page - Analog Devices ADP3041ARUZ Datasheet HTML 2Page - Analog Devices ADP3041ARUZ Datasheet HTML 3Page - Analog Devices ADP3041ARUZ Datasheet HTML 4Page - Analog Devices ADP3041ARUZ Datasheet HTML 5Page - Analog Devices ADP3041ARUZ Datasheet HTML 6Page - Analog Devices ADP3041ARUZ Datasheet HTML 7Page - Analog Devices ADP3041ARUZ Datasheet HTML 8Page - Analog Devices ADP3041ARUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. D
ADP3041
–3–
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
BUFFER INPUT
CHARACTERISTICS
Offset Voltage
VOS
210
mV
Offset Voltage Drift
VOS/ T
–40
°C ≤ TA ≤ +85°C5
µV/°C
Input Bias Current
IB
80
600
nA
–40
°C ≤ T
A
≤ +85°C
800
nA
Input Voltage Range
–0.5
VS + 0.5 V
Input Impedance
ZIN
400
k
Ω
Input Capacitance
CIN
1pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 100
µAV
S – 0.005
V
VS = 12 V, IL = 5 mA
11.85
11.94
V
–40
°C ≤ TA ≤ +85°C
11.75
V
VS = 4.5 V, IL = 5 mA
4.2
4.38
V
–40
°C ≤ TA ≤ +85°C
4.1
V
Output Voltage Low
VOL
IL = 100
µA5
mV
VS = 12 V, IL = 5 mA
42
150
mV
–40
°C ≤ TA ≤ +85°C
250
mV
VS = 4.5 V, IL = 5 mA
95
300
mV
400
mV
Continuous Output Current
IOUT
35
mA
Peak Output Current
IPK
VS = 12 V
250
mA
TRANSFER CHARACTERISTICS
Gain
AVCL
RL = 2 k
Ω
0.995
0.9985
1.005
V/V
–40
°C ≤ TA ≤ +85°C
0.995
0.9985
1.005
V/V
Gain Linearity
NL
RL = 2 k
Ω,
VO = 0.5 to (VS – 0.5 V)
0.01
%
POWER SUPPLY
Supply Voltage
VS
4.5
12
V
Power Supply Rejection Ratio
PSRR
VS = 4 V to 12 V,
–40
°C ≤ TA ≤ +85°C70
90
dB
Supply Current/Amplifier
ISY
VO = VS/2, No Load
780
1000
µA
–40
°C ≤ TA ≤ +85°C
1.2
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 k
Ω, CL = 200 pF
4.5
8
V/
µs
Bandwidth
BW
–3 dB, RL = 10 k
Ω, CL = 10 pF
8
MHz
Phase Margin
mRL = 10 k
Ω, C
L = 10 pF
65
Degrees
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
27
nV/
√Hz
en
f = 10 kHz
25
nV/
√Hz
Current Noise Density
in
f = 10 kHz
0.8
pA/
√Hz
NOTES
1All limits at temperature extremes are guaranteed via correlation and characterization using standard Statistical Quality Control (SQC).
2This is the average current while switching.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com