Electronic Components Datasheet Search
  English  ▼

X  

TCB5232B Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # TCB5232B
Description  Interface Board User Manual
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

TCB5232B Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  TCB5232B Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd TCB5232B Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd TCB5232B Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd TCB5232B Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd TCB5232B Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd TCB5232B Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd TCB5232B Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TOPWAY
TOPWAY
TOPWAY
TOPWAY
Interface Board
TCB5232B
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: TCB5232B-Manual-Rev0.2.DOC
Page: 4 of 7
1.3
Terminal Functions
1.3.1
RS232C interface Terminal K3 (power supply input)
Pin
No.
Pin
Name
I/O
Descriptions
1
TxD
output
Standard RS232C Tx signal output
(connect to PC’s RS232C terminal (9pin D-connector) pin2)
2
RxD
Input
Standard RS232C Rx signal input
(connect to PC’s RS232C terminal (9pin D-connector) pin3)
3
VSS
Power
4
VSS
Power
0V supply, GND
(connect to PC’s RS232C terminal (9pin D-connector) pin5)
5
VDD
Power
6
VDD
Power
+5V, positive power supply.
1.3.2
LCD Terminal (K2)
Pin
No.
Pin
Name
I/O
Descriptions
1
VSS
Power
0V Power Supply, GND
2
VDD
Power
Positive Power Supply
3
V0
Output
LCD Contrast Reference output
4
RS
Output
Register Select
RS=HIGH: transferring display data
RS=LOW: transferring instruction data
5
R/W
Output
Read / Write Control bus:
R/W=HIGH: Read mode selected
R/W=LOW: Write mode selected
6
E
Output
Data Enable
7
DB0
:
:
14
DB7
I/O
8-bit bi-directional data bus
15
BLA
Power
Positive Power Supply for LED backlight, direct connected to VDD
16
BLK
Power
Negative Power Supply for LED backlight, direct connected to VSS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com