Electronic Components Datasheet Search
  English  ▼

X  

TCB5232B Datasheet(PDF) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # TCB5232B
Description  Interface Board User Manual
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

TCB5232B Datasheet(HTML) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

  TCB5232B Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd TCB5232B Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd TCB5232B Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd TCB5232B Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd TCB5232B Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd TCB5232B Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd TCB5232B Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TOPWAY
TOPWAY
TOPWAY
TOPWAY
Interface Board
TCB5232B
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: TCB5232B-Manual-Rev0.2.DOC
Page: 7 of 7
5. Design and Handling Precaution
1.
Any mechanical shock (eg. dropping form high place) will damage the device.
2.
Do not add excessive force on the device.
3.
Never attempt to disassemble or rework the device.
4.
When mounting the device, make sure that it is free form twisting, warping and
distortion.
5.
Only hold the device by its side.
6.
Never add force to component of the device. It may cause invisible damage or degrade
of the reliability.
7.
This could be easily damaged by static electricity. Be careful to maintain an optimum
anti-static work environment to protect it.
8.
Take care and prevent get hurt by the device sharp edge.
9.
Never operate the device exceed the absolute maximum ratings.
10.
Keep the signal line as short as possible to prevent noisy signal applying to the device.
11.
Never apply signal to the device without power supply.
12.
Device reliability may be reduced by temperature shock.
13.
When storing the device, avoid exposure to the direct sunlight, high humidity, high
temperature or low temperature.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com