Electronic Components Datasheet Search
  English  ▼

X  

HT1613C Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT1613C
Description  Timer with Dialer Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1613C Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT1613C Datasheet HTML 1Page - Holtek Semiconductor Inc HT1613C Datasheet HTML 2Page - Holtek Semiconductor Inc HT1613C Datasheet HTML 3Page - Holtek Semiconductor Inc HT1613C Datasheet HTML 4Page - Holtek Semiconductor Inc HT1613C Datasheet HTML 5Page - Holtek Semiconductor Inc HT1613C Datasheet HTML 6Page - Holtek Semiconductor Inc HT1613C Datasheet HTML 7Page - Holtek Semiconductor Inc HT1613C Datasheet HTML 8Page - Holtek Semiconductor Inc HT1613C Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Functional Description
Operational flow chart
HT1613C
Rev. 1.10
5
August 17, 2001
EPN="0" ?
Power-on
RT="1" ?
Blank
Real time clock
HK="0" ?
Blinking"
"
ACT="0" ?
Dialing?
Display no.
TIMER input?
Dialing?
Display no.
Over 10 secs?
TIMER input?
Reset timer &
start counting
Keep counting
Dialing?
TIMER input?
Hold timer
Dialing?
TIMER input?
TIMER input?
Display last timer value
Over 9 secs?
TIMER input?
Display no.
TIMER input?
Over 10 secs?
Display last
timer value
Over 9 secs?
NY
N
N
N
N
N
NY
N
N
N
Y
Y
Y
Y
Y
N
Y
Y
N
Y
Y
N
Y
N
N
Y
Y
N
N
Y
N
Y
N
Y
N
Y
N
Y
N
Y
N
Y
Y
Display no.
TIMER input?
Over 10 secs?
Y
Y
N
Y
Y
N
N
N
N
Y
Y
Y
Y
N
HK="0" ?
HK="0" ?
HK="0" ?
HK="0" ?
HK="0" ?
HK="0" ?
HK="0" ?
HK="0" ?
EPN="0" ?
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com