Electronic Components Datasheet Search
  English  ▼

X  

HT1613C Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT1613C
Description  Timer with Dialer Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1613C Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT1613C Datasheet HTML 5Page - Holtek Semiconductor Inc HT1613C Datasheet HTML 6Page - Holtek Semiconductor Inc HT1613C Datasheet HTML 7Page - Holtek Semiconductor Inc HT1613C Datasheet HTML 8Page - Holtek Semiconductor Inc HT1613C Datasheet HTML 9Page - Holtek Semiconductor Inc HT1613C Datasheet HTML 10Page - Holtek Semiconductor Inc HT1613C Datasheet HTML 11Page - Holtek Semiconductor Inc HT1613C Datasheet HTML 12Page - Holtek Semiconductor Inc HT1613C Datasheet HTML 13Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
For telephone interfacing (without batteries)
* The IC substrate should be connected to VDD in the PCB layout artwork.
HT1613C
Rev. 1.10
9
August 17, 2001
HDI
PO
0. 1 m F
327 68H z
DO C L O CK
47k W
HT 9 3 X X X Di a l e r
HF O
8/ 10- D i g i t L C D
C O M SEG
CO M
SEG C O M
30
2
13
1
805 0
1
28
2
29
3
30
4
31
5
32
6
33
7
34
8
35
9
36
10
37
11
38
12
39
13
40
14
41
15
42
16
43
17
44
18
45
19
46
20
47
21
48
22
49
23
50
24
51
25
52
26
53
27
54
H T 1613C
HF I
330 m F
10V
VS S
1A b r i dge
Ri n g
Ti p
A9 2
HF I
V DD
805 0
A4 2
5. 1V
10 M W
1 m F
TI M E R
1N 41 48 ´ 6
HK
HK S
33 0k W
27 0k W
22 0k W
10 0k W
47k W
20k W
10 0k W
2. 7k W
47k W
33k W
O ff- h o o k
On - h o o k
HDI
VS S
X1
X2
3. 58M H z
0. 1 m F
0. 02 m F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com