Electronic Components Datasheet Search
  English  ▼

X  

3204049 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3204049
Description  QT 1,5 BU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3204049 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3204049 Datasheet HTML 1Page - PHOENIX CONTACT 3204049 Datasheet HTML 2Page - PHOENIX CONTACT 3204049 Datasheet HTML 3Page - PHOENIX CONTACT 3204049 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 4
http://www.phoenixcon.com
Feb 21, 2008
Extract from the online
catalog
 
QT 1,5 BU
This product has been replaced by a newer version.
Order No.: 3204049
The illustration shows version QT 1,5 in gray
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3204049
 
 
Feed-through terminal blocks with fast connection, cross section: 0.34
- 1.5 mm², width: 6.2 mm, color: blue
 
Commercial data
EAN
4017918168414
Pack
50 Pcs.
Customs tariff
85369010
Weight/Piece
0.01367 KG
Catalog page information
Page 244 (CL-2002)
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Approval logo
CUL
Nominal voltage UN
600 V
Nominal current IN
10 A
AWG/kcmil
22-16
UL
Nominal voltage UN
600 V
Nominal current IN
10 A


Similar Part No. - 3204049

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3204 KR-3204 Datasheet
105Kb / 3P
1087.5 MHz Bandpass
logo
Dow-Key Microwave Corpo...
3204 DOW-KEY-3204 Datasheet
430Kb / 1P
IF-band Fan-Out
logo
List of Unclassifed Man...
3204 ETC2-3204 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3204 HEYCO-3204 Datasheet
264Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
TE Connectivity Ltd
3204 TEC-3204 Datasheet
1Mb / 16P
Passive Components
August 2007
More results

Similar Description - 3204049

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3031131 PHOENIX-3031131 Datasheet
176Kb / 6P
ST 1,5-TWIN BU
2715584 PHOENIX-2715584 Datasheet
133Kb / 6P
DIKD 1,5-PV BU
2716059 PHOENIX-2716059 Datasheet
155Kb / 6P
DIK 1,5 BU
3000926 PHOENIX-3000926 Datasheet
120Kb / 5P
MTTB 1,5 BU
3003363 PHOENIX-3003363 Datasheet
109Kb / 5P
MT 1,5 BU
3031089 PHOENIX-3031089 Datasheet
169Kb / 5P
ST 1,5 BU
3031160 PHOENIX-3031160 Datasheet
173Kb / 5P
STTB 1,5 BU
3031199 PHOENIX-3031199 Datasheet
178Kb / 5P
ST 1,5-QUATTRO BU
3205022 PHOENIX-3205022 Datasheet
144Kb / 6P
QTC 1,5 BU
3205129 PHOENIX-3205129 Datasheet
155Kb / 5P
QTTCB 1,5 BU
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com