Electronic Components Datasheet Search
  English  ▼

X  

3204049 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3204049
Description  QT 1,5 BU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3204049 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3204049 Datasheet HTML 1Page - PHOENIX CONTACT 3204049 Datasheet HTML 2Page - PHOENIX CONTACT 3204049 Datasheet HTML 3Page - PHOENIX CONTACT 3204049 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QT 1,5 BU Order No.: 3204049
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3204049
PHOENIX CONTACT Inc., USA
Page 2 / 4
http://www.phoenixcon.com
Feb 21, 2008
AWG/kcmil
22-16
Certification
CUL, DNV, GOST, UL
requested approbations
Certification Ex:
KEMA-EX
Accessories
Item
Designation
Description
Assembly
3022218
CLIPFIX 35
Snap-on end bracket, for 35 mm NS 35/7.5 or NS 35/15 mounting
rail, can be fitted with Zack strip ZB 8 and ZB 8/27, terminal strip
marker KLM 2 and KLM, width: 9.5 mm, color: gray
3206034
D-QT 2,5
Cover, width: 2.2 mm, color: gray
1201442
E/UK
End clamp, for supporting the electronic base. If mounted
vertically, 2 end clamps are required in each case
0801762
NS 35/ 7,5 CU UNPERF
2000MM
DIN rail, material: Copper, unperforated, height 7.5 mm, width 35
mm, length: 2 m
0801733
NS 35/ 7,5 PERF 2000MM
DIN rail, material: Steel, perforated, height 7.5 mm, width 35 mm,
length: 2 m
0801681
NS 35/ 7,5 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 7.5 mm, width 35
mm, length: 2 m
1201756
NS 35/15 AL UNPERF 2000MM
DIN rail, deep-drawn, high profile, unperforated, 1.5 mm thick,
material: Aluminum, height 15 mm, width 35 mm, length 2 m
1201895
NS 35/15 CU UNPERF 2000MM DIN rail, material: Copper, unperforated, 1.5 mm thick, height 15
mm, width 35 mm, length: 2 m
1201730
NS 35/15 PERF 2000MM
DIN rail, material: Steel, perforated, height 15 mm, width 35 mm,
length: 2 m
1201714
NS 35/15 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 15 mm, width 35
mm, length: 2 m
1201798
NS 35/15-2,3 UNPERF 2000MM DIN rail, material: Steel, unperforated, 2.3 mm thick, height 15
mm, width 35 mm, length: 2 m
Bridges
3030242
FBS 3-6
Plug-in bridge for cross-connections in the terminal center, 3-pos.,
color: Red
3030255
FBS 4-6
Plug-in bridge for cross-connections in the terminal center, 4-pos.,
color: Red
3030271
FBS 10-6
Plug-in bridge for cross-connections in the terminal center,
10-pos., color: Red
3030365
FBS 20-6
Plug-in bridge for cross-connections in the terminal center,
20-pos., color: Red



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com