Electronic Components Datasheet Search
  English  ▼

X  

3106A Datasheet(PDF) 1 Page - Belden Inc.

Part # 3106A
Description  RS485, 1 Pr #22 Str TC, PO Ins, IS and 1 C #22 Str TC, PVC, OA TC Brd, PVC Jkt, CM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

3106A Datasheet(HTML) 1 Page - Belden Inc.

  3106A Datasheet HTML 1Page - Belden Inc. 3106A Datasheet HTML 2Page - Belden Inc. 3106A Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number: 3106A
RS485, 1 Pr #22 Str TC, PO Ins, IS and 1 C #22 Str TC, PVC, OA TC Brd,
PVC Jkt, CM
Product Description
RS-485, 1 Pair 22AWG (7x30) Tinned Copper, PO Insulation, Individuall Beldfoil®, 1 conductor 22AWG (7x30) Tinned Copper, PVC Insulation, Overall
Tinned Copper Braid(65%) Shield, PVC Outer Jacket, CM
Technical Specifications
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
Nominal Diameter No. of Conductors No. of Pairs
22
7x30
TC - Tinned Copper 0.03 in
1
1
Conductor Count:
3
Insulation
Material
Material Trade Name
FHDPE - Foamed High Density Polyethylene Datalene®
Color Chart
Number
Color
1
White/Orange Ringband Stripe
2
Orange/White Ringband Stripe
3
Blue/White Ringband Stripe
Outer Shield Material
Type Layer
Material
Material Trade
Name
Coverage [%] Drainwire Material
Drainwire AWG Drainwire Construction n x D
Tape 1
Aluminum/Polyester Beldfoil®
100 %
TC - Tinned Copper 22
7x30 mm
Braid 2
TC - Tinned Copper
65 %
Outer Jacket Material
Material
Nominal Diameter
PVC - Polyvinyl Chloride 0.3 in
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR Nominal Outer Shield DCR
14.7 Ohm/1000ft
2.8 Ohm/1000ft
Capacitance
Nom. Capacitance Conductor to Conductor Nom. Capacitance Conductor to Other Conductor to Shield
11 pF/ft
20.9 pF/ft
Inductance
Nominal Inductance
0.203 µH/ft
Impedance


Similar Part No. - 3106A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3106A ETC2-3106A Datasheet
102Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
3106A-0101000 ETC2-3106A-0101000 Datasheet
102Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
3106A-010500 ETC2-3106A-010500 Datasheet
102Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
3106A-0105000 ETC2-3106A-0105000 Datasheet
102Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
More results

Similar Description - 3106A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
3105A BELDEN-3105A Datasheet
253Kb / 3P
RS485, 1 Pr #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
3107A BELDEN-3107A Datasheet
251Kb / 3P
RS485, 2 Pr #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
3108A BELDEN-3108A Datasheet
251Kb / 3P
RS485, 3 Pr #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
3109A BELDEN-3109A Datasheet
251Kb / 3P
RS485, 4 Pr #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
9843 BELDEN-9843 Datasheet
258Kb / 3P
RS485, 3 Pr #24 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
123107A BELDEN-123107A Datasheet
252Kb / 3P
RS485, 2 Pr #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, AIA Armor, PVC Jkt, CM
9685 BELDEN-9685 Datasheet
161Kb / 2P
Electronic, 1 Pr #22 Str TC, PVC Ins, IS one pr, PVC Jkt, CM
05-05-2023
9965 BELDEN-9965 Datasheet
159Kb / 2P
Electronic, 1 C #22 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
9967 BELDEN-9967 Datasheet
148Kb / 2P
Electronic, 3 C #22 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
9968 BELDEN-9968 Datasheet
161Kb / 2P
Electronic, 4 C #22 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com