Electronic Components Datasheet Search
  English  ▼

X  

3106A Datasheet(PDF) 2 Page - Belden Inc.

Part # 3106A
Description  RS485, 1 Pr #22 Str TC, PO Ins, IS and 1 C #22 Str TC, PVC, OA TC Brd, PVC Jkt, CM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

3106A Datasheet(HTML) 2 Page - Belden Inc.

  3106A Datasheet HTML 1Page - Belden Inc. 3106A Datasheet HTML 2Page - Belden Inc. 3106A Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Nominal Characteristic Impedance Nominal Characteristic Impedance Description
120 Ohm
120
High Frequency (Nominal/Typical)
Nom. Insertion Loss
0.5 dB/100ft
Delay
Nominal Velocity of Propagation (VP) [%]
78 %
Current
Max. Recommended Current [A]
2.7 Amps per conductor @ 25°C
Voltage
UL Voltage Rating
300 V RMS (NEC Type PLTC)
300 V RMS (NEC Type CM)
Electrical Characteristics Notes:
Input Impedance/Unfitted Impedance .5 - 10 MHZ, 120 +-12 Ohms
Temperature Range
Non-UL Temp Rating:
60°C
UL Temp Rating:
60°C
Operating Temp Range:
-20°C To +60°C
Mechanical Characteristics
Bulk Cable Weight:
48 lbs/1000ft
Max Recommended Pulling Tension:
65 lbs
Min Bend Radius/Minor Axis:
3 in
Standards
NEC/(UL) Specification:
CM, PLTC
CEC/C(UL) Specification:
CM
CPR Euroclass:
Eca
Applicable Environmental and Other Programs
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
EU Directive 2011/65/EU (ROHS II):
Yes
EU Directive 2015/863/EU:
Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
Yes
EU RoHS Compliance Date (yyyy-mm-dd): 2005-10-01
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Suitability
Suitability - Oil Resistance:
Yes
Suitability - Sunlight Resistance:
Yes
Flammability, LS0H, Toxicity Testing
UL Flammability:
UL1685 UL Loading
CSA Flammability:
FT1
ISO/IEC Flammability:
IEC 60332-1-2
UL voltage rating:
300 V RMS (NEC Type PLTC)
Plenum/Non-Plenum
Plenum (Y/N):
No



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com