Electronic Components Datasheet Search
  English  ▼

X  

BAT-C2 Datasheet(PDF) 2 Page - Belden Inc.

Part # BAT-C2
Description  Compact WLAN Client and AccessPoint with 11ac technology and fast roaming.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

BAT-C2 Datasheet(HTML) 2 Page - Belden Inc.

  BAT-C2 Datasheet HTML 1Page - Belden Inc. BAT-C2 Datasheet HTML 2Page - Belden Inc. BAT-C2 Datasheet HTML 3Page - Belden Inc. BAT-C2 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Radio protocol:
IEEE 802.11a, IEEE 802.11b, IEEE 802.11g, IEEE 802.11n, IEEE 802.11ac
More Interfaces
WLAN Antenna:
2x RP-SMA Female Socket
Ethernet:
M12 D-Coded Socket Female
Power Supply:
M12 A-Coded Socket Male
Power requirements
Power Loss Buffer:
min. 10 msec
Operating Voltage:
12 VDC .. 24 VDC (nominal), 9.6 VDC .. 32 VDC (max tolerances)
Software
Software features:
Filesystem to store custom data, QoS, QoS based on IP or Ports, GRE, MAC filter
Management:
Web Interface (HTTPS),IPv4, IPv6, Filesystem to store custom data, SNMP v1/v2/v3
Diagnostics:
DNS, Routing, System Log, Ping, Traceroute, Syslog
Configuration:
DHCP client, DHCP Server, Extendable via custom Python Scripts
Security:
IPSec, Firewall, User Permission Management
Routing:
Static, RIP, OSPF, 1:1 NAT, Port Forwarding
Ambient conditions
MTBF (Telcordia SR-332: Gb 25 ºC):
137.8 Years
Operating temperature:
-40-+70 °C
Relative humidity (non-condensing):
1-95 %
Mechanical construction
Weight:
140 g (device without connectors)
Housing:
Plastic
Mechanical stability
IEC 60068-2-6 vibration:
5 Hz ... 8,4 Hz with 3.5 mm Amplitude; 8.4 Hz ... 150 Hz with 1 g
IEC 60068-2-27 shock:
11 g at 11 ms
EMC interference immunity
EN 61000-4-2 electrostatic discharge
(ESD):
4 kV contact discharge, 8 kV air discharge
EN 61000-4-3 electromagnetic field:
20 V/m (80 MHz - 1000 MHz), 10 V/m (1GHz - 3 GHz), 10 V/m (3 GHz - 6 GHz)
EN 61000-4-4 fast transients (burst):
2 kV power line, 1 kV data line (shielded)
EN 61000-4-5 surge voltage:
power line 1 kV (line/earth), 0,5 kV (Line/line); data line 1 kV (shielded)
EN 61000-4-6 Conducted Immunity:
10 V (150 kHz - 80 MHz); 1 kHz, 80 % AM
EMC emitted immunity
EN 55032:
Class A
FCC CFR47 Part 15:
FCC 47CFR Part 15 Subpart B Class A digital device
Approvals
Basis Standard:
CE Conformity
WLAN Access Point
Access Point Functionality:
yes
Security:
WPA/WPA2 Personal PSK
WLAN Client
802.11w - PMF:
yes
Client / STA Functionality:
yes
Network Modes:
1:1 MAC Adoption, Bridging, NAT + Masquerading
Roaming Thresholds:
yes
Security:
IEEE 802.1X - FAST, IEEE 802.1X - LEAP, IEEE 802.1X - PEAP, IEEE 802.1X - TLS, IEEE 802.1X - TTLS, Open, WEP, WPA/WPA2 Enterprise Radius 802.1X,
WPA/WPA2 Personal PSK
WLAN Output Power



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com