Electronic Components Datasheet Search
  English  ▼

X  

BAT-C2 Datasheet(PDF) 3 Page - Belden Inc.

Part # BAT-C2
Description  Compact WLAN Client and AccessPoint with 11ac technology and fast roaming.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

BAT-C2 Datasheet(HTML) 3 Page - Belden Inc.

  BAT-C2 Datasheet HTML 1Page - Belden Inc. BAT-C2 Datasheet HTML 2Page - Belden Inc. BAT-C2 Datasheet HTML 3Page - Belden Inc. BAT-C2 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WLAN technology
Power load
Minimal Output Power
5 dBm
Granularity steps
1 dB
802.11b, 1 Mbps
16±2 dBm
802.11b, 11 Mbps
16±2 dBm
802.11g, 6 Mbps
14±2 dBm
802.11g, 54 Mbps
14±2 dBm
802.11a, 6 Mbps
14±2 dBm
802.11a, 54 Mbps
14±2 dBm
802.11n, MCS0, 2.4 GHz 13±2 dBm
802.11n, MCS7, 2.4 GHz 13±2 dBm
802.11n, MCS0, 5 GHz
13±2 dBm
802.11n, MCS7, 5 GHz
13±2 dBm
802.11ac, MCS8, 5 GHz
13±2 dBm
802.11ac, MCS9, 5 GHz
11±2 dBm
WLAN Typical Receive Sensitivity
WLAN technology
Power load
802.11b, 1 Mbps
-89 dBm
802.11b, 11 Mbps
-96 dBm
802.11g, 6 Mbps
-93 dBm
802.11g, 54 Mbps
-76 dBm
802.11a, 6 Mbps
-92 dBm
802.11a, 54 Mbps
-76 dBm
802.11n, 2.4 GHz, 20 MHz, MCS0 -93 dBm
802.11n, 2.4 GHz, 20 MHz, MCS7 -74 dBm
802.11n, 5 GHz, 20 MHz, MCS0
-92 dBm
802.11n, 5 GHz, 20 MHz, MCS7
-74 dBm
802.11n, 5 GHz, 20 MHz, MCS8
-70 dBm
WLAN Approvals
WLAN Approvals
Applicable
ETSI RED CE
Yes
ETSI - EN 300 328
Yes
ETSI - EN 301 893-1
Yes
ETSI - EN 301 489-1
Yes
ETSI - EN 301 489-17
Yes
ETSI - EN 302 502 (5.8 GHz) -
ETSI - EN 300 440 (SRD)
-
FCC
-
SRRC
-
WLAN Countries
WLAN AccessPoints/Clients Applicable WLAN AccessPoints/Clients Applicable
Australia
-
Japan
-
Austria
Yes
Latvia
Yes
Belgium
Yes
Lithuania
Yes
Brazil
-
Luxembourg
Yes
Bulgaria
Yes
Malaysia
-
Canada
-
Malta
Yes
China
-
Mexico
-
Croatia
Yes
Netherland
Yes
Cyprus
Yes
New Zealand
-
Czech Republic
Yes
Philippines
-
Denmark
Yes
Poland
Yes
Estonia
Yes
Portugal
Yes
Finland
Yes
Romania
Yes
France
Yes
Singapore
-
Germany
Yes
Slowakia
Yes
Great Britain
-
Slowenia
Yes
Greece
Yes
South Korea
-
Hungary
Yes
Spain
Yes



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com