Electronic Components Datasheet Search
  English  ▼

X  

RF6100-2 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF6100-2
Description  RF Micro Devices 3V 900 MHz Linear Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6100-2 Datasheet(HTML) 2 Page - RF Micro Devices

  RF6100-2 Datasheet HTML 1Page - RF Micro Devices RF6100-2 Datasheet HTML 2Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RF6100-2: Typical Performance Charts
RF6100-2: IS-95 Icc vs Pout
Vcc = 3.4V, Vreg = 3.0V, Vmode = 0V, F = 836 MHz
RF6100-2: IS-95 Gain vs Pout
Vcc = 3.4V, Vreg = 3.0V, Vmode = 0V, F = 836 MHz
RF6100-2: IS-95 ACPR @ 885kHz vs Pout
Vcc = 3.4V, Vreg = 3.0V, Vmode = 0V, F = 836 MHz
RF6100-2: IS-95 Gain vs Pout
Vcc = 3.4V, Vreg = 3.0V, Vmode = 2.85V, F = 836 MHz
RF6100-2: AMPS PAE vs. Frequency
Vcc = 3.4V, Vreg = 3.0V, Vmode = 0V, Pout = 31 dBm
RF6100-2: IS-95 Gain vs. Frequency
Vcc = 3.4V, Vreg = 3.0V, Vmode = 0V, Pout = 28 dBm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com