Electronic Components Datasheet Search
  English  ▼

X  

RF6100-2 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF6100-2
Description  RF Micro Devices 3V 900 MHz Linear Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6100-2 Datasheet(HTML) 1 Page - RF Micro Devices

  RF6100-2 Datasheet HTML 1Page - RF Micro Devices RF6100-2 Datasheet HTML 2Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VREF
VMODE
GND
RF IN
VCC1
GND
GND
RF OUT
GND
VCC2
Features
➔ Advanced third-generation GaAs HBT process
➔ 4x4mm 50Ω
Ω internally matched package
➔ 28 dBm linear output power
➔ 40% power added efficiency
➔ 54% AMPS power added efficiency
➔ -50 dBc adjacent channel power rejection
➔ 3V regulated voltage
➔ 55mA quiescent current (up to 28 dBm)
➔ 29 dB linear gain
Typical Applications
➔ 3V CDMA/AMPS cellular handsets
➔ 3V CDMA 2000 1x cellular handsets
➔ Spread spectrum systems
RF MICRO DEVICES®, RFMD®, Providing Communication Solutions™ are trademarks of RFMD, LLC. © RFMD 2003.
RF6100-2 Linear Amplifier
www .rfmd.com
For sales or technical support, contact RFMD at
336-678-5570 or callcenter@rfmd.com.
7628 Thorndike Road, Greensboro, NC 27409-9421
Phone 336-664-1233 • Fax 336-931-7454
RF6100-2
Application Schematic
RF Micro Devices®
3V 900 MHz
Linear Amplifier
The RF6100-2 is a high-power, high-efficiency linear amplifier
module specifically designed for 3V handheld systems. The
device is manufactured on an advanced third-generation
GaAs HBT process and has been designed for use as the final
RF amplifier in 3V IS-95/CDMA 2000 1x/AMPS handheld
digital cellular equipment, spread-spectrum systems and other
applications in the 824 MHz to 849 MHz band. The RF6100-2
has a digital control line for low power applications in order
to lower quiescent current. The device is self-contained with
50
Ω input and output that is matched to obtain optimum
power, efficiency and linearity. The module is an ultra-small
4x4mm land grid array with backside ground. The RF6100-2
is footprint compatible with industry standard 4x4mm CDMA
modules and requires only one decoupling capacitor.


Similar Part No. - RF6100-2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6100-1 RFMD-RF6100-1 Datasheet
67Kb / 6P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1 Datasheet
60Kb / 6P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1 Datasheet
165Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1PCBA RFMD-RF6100-1PCBA Datasheet
67Kb / 6P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1PCBA-41X RFMD-RF6100-1PCBA-41X Datasheet
60Kb / 6P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
More results

Similar Description - RF6100-2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2162 RFMD-RF2162 Datasheet
218Kb / 10P
3V 900MHZ LINEAR AMPLIFIER
RF2175 RFMD-RF2175 Datasheet
109Kb / 6P
3V 400MHZ LINEAR AMPLIFIER
logo
Analog Devices
AD6190 AD-AD6190 Datasheet
150Kb / 8P
900 MHz RF Transceiver
logo
Tyco Electronics
PA1131 MACOM-PA1131 Datasheet
41Kb / 1P
850-900 MHz. Ultra Linear Amplifier
logo
NXP Semiconductors
BGA2011 PHILIPS-BGA2011 Datasheet
83Kb / 12P
900 MHz high linear low noise amplifier
2000 Dec 04
logo
RF Micro Devices
RF2162 RFMD-RF2162_06 Datasheet
244Kb / 10P
3V 900MHz LINEAR AMPLIFIER
RF2175 RFMD-RF2175_06 Datasheet
129Kb / 6P
3V 400MHz LINEAR AMPLIFIER
logo
Communications & Power ...
4CX1000A CPI-4CX1000A Datasheet
97Kb / 1P
RF linear amplifier at 30 MHz
logo
Stealth Microwave, Inc.
SM08590-45LD STEALTH_MICROWAVE-SM08590-45LD Datasheet
221Kb / 3P
850-900 MHz 30 Watt Linear Power Amplifier
SM08790-47 STEALTH_MICROWAVE-SM08790-47 Datasheet
176Kb / 3P
869-900 MHz 50 Watt Linear Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com