Electronic Components Datasheet Search
  English  ▼

X  

3105Z Datasheet(PDF) 1 Page - Belden Inc.

Part # 3105Z
Description  3105Z Multi-Conductor - EIA Industrial RS-485 PLTC/CMG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

3105Z Datasheet(HTML) 1 Page - Belden Inc.

  3105Z Datasheet HTML 1Page - Belden Inc. 3105Z Datasheet HTML 2Page - Belden Inc. 3105Z Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description
22 AWG stranded (7x30) tinned copper conductors, Datalene® insulation, twisted pairs, overall Beldfoil® shield (100% coverage)
plus a tinned copper braid (65% coverage), drain wire, UV resistant Haloarrest XLink2 jacket.
Physical Characteristics (Overall):
Conductor:
AWG
# Pairs AWG Stranding Conductor Material Dia. (in.)
1
22
7x30
TC - Tinned Copper
0.030
Total Number of Conductors
2
Insulation:
Insulation Material
Insulation Trade Name Insulation Material
Datalene®
FHDPE - Foam High Density Polyethylene
Outer Shield:
Outer Shield Material
Layer # Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
1
Beldfoil®
Tape Aluminum Foil-Polyester Tape
100.000
2
Braid
TC - Tinned Copper
65.000
Outer Shield Drain Wire AWG
AWG Stranding Drain Wire Conductor Material
22
7x30
TC - Tinned Copper
Outer Jacket:
Outer Jacket Material
Outer Jacket Material
Haloarrest Xlink2
Overall Cable:
Overall Nominal Diameter:
0.4 in.
Pair:
Pair Color Code Chart
Number Color
1
White/Blue Stripe and Blue/White Stripe
Pair Lay Length & Direction
Lay Length (in.)
3.750
Mechanical Characteristics (Overall):
Operating Temperature Range
-20°C To +60°C
Bulk Cable Weight:
109 lbs/1000 ft.
Max. Recommended Pulling Tension:
60 lbs.
Min. Bend Radius/Minor Axis:
4 in.
Applicable Specifications and Agency Compliance (Overall):
Applicable Standards & Environmental Programs:
NEC/(UL) Specification
CMG, PLTC
Page 1 of 3
02-16-2017
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
3105Z Multi-Conductor - EIA Industrial RS-485 PLTC/CMG


Similar Part No. - 3105Z

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
3105 ATM-3105 Datasheet
98Kb / 1P
OUTLINE, FXD ATTEN. SMA, DC-23.0 GHz
logo
List of Unclassifed Man...
3105 ETC2-3105 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Heyco.
3105 HEYCO-3105 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
logo
Adafruit Industries
3105 ADAFRUIT-3105 Datasheet
154Kb / 2P
Mini Illuminated Momentary Pushbutton Bl ue Power Symbol
2-6-24
logo
KR Electronics, Inc.
3105-535 KR-3105-535 Datasheet
61Kb / 3P
535 KHz Lowpass Filter
More results

Similar Description - 3105Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
EIA RS-485/RS-422 Transceiver
Rev. D
logo
Belden Inc.
3105T BELDEN-3105T Datasheet
590Kb / 3P
3105T Multi-Conductor - EIA Industrial RS-485 PLTC/CMG
3106T BELDEN-3106T Datasheet
331Kb / 3P
3106T Multi-Conductor - EIA Industrial RS-485 PLTC/CMG
3107T BELDEN-3107T Datasheet
110Kb / 3P
3107T Multi-Conductor - EIA Industrial RS-485 PLTC/CMG
3107Z BELDEN-3107Z Datasheet
140Kb / 3P
3107T Multi-Conductor - EIA Industrial RS-485 PLTC/CMG
3109T BELDEN-3109T Datasheet
111Kb / 3P
3109T Multi-Conductor - EIA Industrial RS-485 PLTC/CMG
3109Z BELDEN-3109Z Datasheet
110Kb / 3P
3109Z Multi-Conductor - EIA Industrial RS-485 PLTC/CMG
9842ZH BELDEN-9842ZH Datasheet
180Kb / 3P
9842ZH Multi-Conductor - GreenChoice Low Capacitance Computer Cable for EIA RS-485 Applications
3108Z BELDEN-3108Z Datasheet
101Kb / 3P
Multi-Conductor - EIA Industrial RS-485 PLTC/CMG
773105T BELDEN-773105T Datasheet
100Kb / 3P
Multi-Conductor - EIA Industrial RS-485 PLTC/CMG
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com