Electronic Components Datasheet Search
  English  ▼

X  

3105Z Datasheet(PDF) 2 Page - Belden Inc.

Part # 3105Z
Description  3105Z Multi-Conductor - EIA Industrial RS-485 PLTC/CMG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

3105Z Datasheet(HTML) 2 Page - Belden Inc.

  3105Z Datasheet HTML 1Page - Belden Inc. 3105Z Datasheet HTML 2Page - Belden Inc. 3105Z Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CEC/C(UL) Specification
CMG
EU Directive 2011/65/EU (ROHS II)
Yes
IEEE Specification
45
EU CE Mark
Yes
EU Directive 2000/53/EC (ELV)
Yes
EU Directive 2002/95/EC (RoHS)
Yes
EU Directive 2002/96/EC (WEEE)
Yes
EU Directive 2003/11/EC (BFR)
Yes
CA Prop 65 (CJ for Wire & Cable)
Yes
MII Order #39 (China RoHS)
Yes
Flame Test:
UL Flame Test
UL1685 FT4 Loading
C(UL) Flame Test
FT4
IEC Flame Test
60332-3-22 (Category A)
Suitability:
Sunlight Resistance
Yes
Plenum/Non-Plenum:
Plenum (Y/N)
No
Electrical Characteristics (Overall):
Nom. Characteristic Impedance
Impedance (Ohm)
120
Nom. Capacitance Conductor to Conductor
Capacitance (pF/ft)
11.000
Nom. Capacitance Cond. to Other Conductor & Shield
Capacitance (pF/ft)
20.900
Nominal Velocity of Propagation
VP (%)
78.000
Nom. Conductor DC Resistance
DCR @ 20°C (Ohm/1000 ft)
14.700
Nominal Outer Shield DC Resistance
DCR @ 20°C (Ohm/1000 ft)
2.800
Nom. Attenuation
Description Freq. (MHz) Start Freq. (MHz) Stop Freq. (MHz) Attenuation (dB/100 ft.)
1.000
0.500
Max. Operating Voltage - UL
Voltage
300 V RMS (NEC Type PLTC)
300 V RMS (NEC Type CM)
Max. Recommended Current
Current
2.7 Amps per conductor @ 25°C
Other Electrical Characteristic 1
Input Impedance/Unfitted Impedance .5 - 10 MHZ, 120 +-12 Ohms
Revision Number: 0
Revision Date: 10-31-2014
Page 2 of 3
02-16-2017
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
3105Z Multi-Conductor - EIA Industrial RS-485 PLTC/CMG



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com