Electronic Components Datasheet Search
  English  ▼

X  

9841 Datasheet(PDF) 2 Page - Belden Inc.

Part # 9841
Description  MINIATURE CIRCUIT BREAKER 120/240V 90A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9841 Datasheet(HTML) 2 Page - Belden Inc.

  9841 Datasheet HTML 1Page - Belden Inc. 9841 Datasheet HTML 2Page - Belden Inc. 9841 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
12.8 pF/ft
23 pF/ft
Impedance
Nominal Characteristic Impedance
120 Ohm
High Frequency (Nominal/Typical)
Nom. Insertion Loss
0.6 dB/100ft
Delay
Nominal Delay Nominal Velocity of Propagation (VP) [%]
1.6 ns/ft
66 %
Current
Element
Max. Recommended Current [A]
10C Temperature Rise Per conductor @ 25°C Ambient (10C temperature rise): 2.1 A
Voltage
UL Description
UL Voltage Rating
Type CM
300 V RMS (UL type CM)
AWM 2919
30 V RMS (UL AWM 2919)
Electrical Characteristics Notes:
Attenuation @ 1 MHz: .6 dB/100 ft nominal
Temperature Range
UL Temp Rating:
80°C (UL AWM Style 2919)
Operating Temp Range:
-30°C To +80°C
Mechanical Characteristics
Bulk Cable Weight:
36 lbs/1000ft
Max Recommended Pulling Tension:
72.3 lbs
Min Bend Radius/Minor Axis:
2.5 in
Standards
NEC Articles:
800
NEC/(UL) Specification:
CM
CEC/C(UL) Specification:
CM
UL AWM Style:
2919 (30 V 80°C)
CPR Euroclass:
Eca
Applicable Environmental and Other Programs
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/96/EC (BFR):
Yes
EU Directive 2011/65/EU (ROHS II):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU:
Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
Yes
EU RoHS Compliance Date (yyyy-mm-dd):
2004-01-01
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Suitability
Suitability - Hazardous Locations:
Yes
Suitability - Indoor:
Yes
Flammability, LS0H, Toxicity Testing
UL Flammability:
UL1685 (UL Loading)
CSA Flammability:
FT1
ISO/IEC Flammability:
IEC 60332-1-2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com