Electronic Components Datasheet Search
  English  ▼

X  

9841 Datasheet(PDF) 3 Page - Belden Inc.

Part # 9841
Description  MINIATURE CIRCUIT BREAKER 120/240V 90A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9841 Datasheet(HTML) 3 Page - Belden Inc.

  9841 Datasheet HTML 1Page - Belden Inc. 9841 Datasheet HTML 2Page - Belden Inc. 9841 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UL voltage rating:
300 V RMS (CM)
Plenum/Non-Plenum
Plenum (Y/N):
No
Plenum Number:
82841, 89841
Part Number
Variants
Item #
Color
UPC
Length
Footnote
9841.0030
Chrome
30 m
9841.011000
Chrome
1,000 m
9841.01152
Chrome
152 m
9841.011525
Chrome
1,525 m
9841.012000
Chrome
2,000 m
9841.01305
Chrome
305 m
9841.019999
Chrome
151 m
9841 060100
Chrome 612825259442 100 ft
9841 0601000
Chrome 612825259459 1,000 ft
C
9841 06010000 Chrome 612825259466 10,000 ft C
9841 060500
Chrome 612825259473 500 ft
C
9841 0605000
Chrome 612825259480 5,000 ft
9841.K1305
Chrome
305 m
9841.031000
Violet
1,000 m
9841.03305
Violet
305 m
9841.02305
Yellow
305 m
Footnote:
C - CRATE REEL PUT-UP.
History
Update and Revision:
Revision Number: 0.311 Revision Date: 08-22-2019
© 2019 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com