Electronic Components Datasheet Search
  English  ▼

X  

89841 Datasheet(PDF) 1 Page - Belden Inc.

Part # 89841
Description  RS485, 1 Pr #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

89841 Datasheet(HTML) 1 Page - Belden Inc.

  89841 Datasheet HTML 1Page - Belden Inc. 89841 Datasheet HTML 2Page - Belden Inc. 89841 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number: 89841
RS485, 1 Pr #24 Str TC, FEP Ins, OS+TC Brd, FEP Jkt, CMP
Product Description
RS-485, 1 Pair 24AWG (7x32) Tinned Copper, FEP Insulation, Overall Beldfoil®+Tinned Copper Braid(90%) Shield, FEP Outer Jacket, CMP
Technical Specifications
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Pairs
24
7x32
TC - Tinned Copper 1
Conductor Count:
2
Insulation
Material
Material Trade Name Nominal Wall Thickness
FFEP - Foam Fluorinated Ethylene Propylene Teflon®
0.025 in
Color Chart
Number
Color
1
White/Blue & Blue/White
Outer Shield Material
Type Layer
Material
Material Trade Name Coverage [%] Drainwire Material
Drainwire AWG Drainwire Construction n x D
Tape 1
Aluminum/Polyester Beldfoil®
100 %
TC - Tinned Copper 24
7x32 mm
Braid 2
TC - Tinned Copper
90 %
Outer Jacket Material
Material
Material Trade Name Nominal Diameter Nominal Wall Thickness
FEP - Fluorinated Ethylene Propylene Teflon®
0.202 in
0.014 in
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR Nominal Outer Shield DCR
24 Ohm/1000ft
3.1 Ohm/1000ft
Capacitance
Nom. Capacitance Conductor to Conductor Nom. Capacitance Conductor to Other Conductor to Shield
12 pF/ft
22 pF/ft
Impedance
Nominal Characteristic Impedance
120 Ohm
Delay
Max. Delay Skew Nominal Velocity of Propagation (VP) [%]
76 ns/100m
76 %
Current


Similar Part No. - 89841

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
89841 ETC2-89841 Datasheet
102Kb / 3P
Low cap 24 AWG stranded (7x32) TC conductors, plenum, foam FEP insulation
898410021000 ETC2-898410021000 Datasheet
102Kb / 3P
Low cap 24 AWG stranded (7x32) TC conductors, plenum, foam FEP insulation
89841002500 ETC2-89841002500 Datasheet
102Kb / 3P
Low cap 24 AWG stranded (7x32) TC conductors, plenum, foam FEP insulation
898410025000 ETC2-898410025000 Datasheet
102Kb / 3P
Low cap 24 AWG stranded (7x32) TC conductors, plenum, foam FEP insulation
More results

Similar Description - 89841

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
83512 BELDEN-83512 Datasheet
225Kb / 2P
Electronic, 12 C #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83515 BELDEN-83515 Datasheet
224Kb / 2P
Electronic, 15 C #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83719 BELDEN-83719 Datasheet
226Kb / 2P
Electronic, 19 C #16 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83503 BELDEN-83503 Datasheet
191Kb / 2P
Electronic, 3 C #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83569 BELDEN-83569 Datasheet
204Kb / 2P
Electronic, 19 C #22 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83602 BELDEN-83602 Datasheet
183Kb / 2P
Electronic, 2 C #20 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83506 BELDEN-83506 Datasheet
205Kb / 2P
Electronic, 6 C #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83504 BELDEN-83504 Datasheet
162Kb / 2P
Electronic, 4 C #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83509 BELDEN-83509 Datasheet
224Kb / 2P
Electronic, 9 C #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83609 BELDEN-83609 Datasheet
223Kb / 2P
Electronic, 9 C #20 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com