Electronic Components Datasheet Search
  English  ▼

X  

89841 Datasheet(PDF) 2 Page - Belden Inc.

Part # 89841
Description  RS485, 1 Pr #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

89841 Datasheet(HTML) 2 Page - Belden Inc.

  89841 Datasheet HTML 1Page - Belden Inc. 89841 Datasheet HTML 2Page - Belden Inc. 89841 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Max. Recommended Current [A]
4 Amps per conductor @ 25°C A
Voltage
UL Voltage Rating
300 V RMS
Temperature Range
Non-UL Temp Rating:
150°C
UL Temp Rating:
150°C
Operating Temp Range:
-70°C To +200°C
Mechanical Characteristics
Bulk Cable Weight:
27 lbs/1000ft
Max Recommended Pulling Tension:
45.7 lbs
Min Bend Radius/Minor Axis:
2.25 in
Standards
NEC Articles:
800
NEC/(UL) Specification:
CMP
CEC/C(UL) Specification:
CMP
CPR Euroclass:
Eca
Applicable Environmental and Other Programs
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/96/EC (BFR):
Yes
EU Directive 2011/65/EU (ROHS II):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU:
Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
Yes
EU RoHS Compliance Date (yyyy-mm-dd): 2005-04-01
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flammability, LS0H, Toxicity Testing
UL Flammability:
NFPA 262 Plenum Flame Test (UL910)
CSA Flammability:
FT6
ISO/IEC Flammability:
IEC 60332-1-2
UL voltage rating:
300 V RMS
Plenum/Non-Plenum
Plenum (Y/N):
Yes
Part Number
Non-Plenum Number:
9841
Variants
Item #
Color
UPC
Footnote
89841 0021000 Red
612825221302 C
89841 002500
Red
612825221319
89841 0025000 Red
612825221326
Footnote:
C - CRATE REEL PUT-UP.
Product Notes
Notes:
Teflon® is a registered trademark of E. I. duPont de Nemours and Co. used under license by Belden, Inc.
History
Update and Revision:
Revision Number: 0.317 Revision Date: 08-22-2019



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com