Electronic Components Datasheet Search
  English  ▼

X  

05540190 Datasheet(PDF) 1 Page - Testo SE & Co. KGaA

Part # 05540190
Description  Humidity/temperature measuring instrument
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

05540190 Datasheet(HTML) 1 Page - Testo SE & Co. KGaA

  05540190 Datasheet HTML 1Page - Testo SE & Co. KGaA 05540190 Datasheet HTML 2Page - Testo SE & Co. KGaA 05540190 Datasheet HTML 3Page - Testo SE & Co. KGaA 05540190 Datasheet HTML 4Page - Testo SE & Co. KGaA 05540190 Datasheet HTML 5Page - Testo SE & Co. KGaA 05540190 Datasheet HTML 6Page - Testo SE & Co. KGaA 05540190 Datasheet HTML 7Page - Testo SE & Co. KGaA 05540190 Datasheet HTML 8Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Connection of 2 plug-in probes and 3 wireless probes
Measurement of temperature, air humidity, material
equilibrium moisture, pressure dewpoint, absolute pressure
and U-value
Display of dewpoint distance, min., max. and mean values
Illuminated display
Protection class IP 54
Instrument store for 10000 measurement values
(testo 635-2 only)
PC software for archiving and documenting measurement
data (testo 635-2)
Humidity/temperature
measuring instrument
testo 635 – Measurement
technology for humidity
measurement
°C
%RH
hPa
The testo 635 offers the possibility of testing and analyzing
air humidity, material moisture, U-value and the dewpoint in
compressed air systems.
In addition to measurement with classical probes, a wireless
measurement over up to 20 m distance is also possible with
the testo 635. This eliminates damage to the cable or
difficulties in handling.The wireless probes are available for
the measurement parameters temperature and humidity, up
to three wireless probes can be recorded and displayed by
the testo 635. The optional plug-in radio module can be
retrofitted at any time.
The testo 635 stands out thanks to its intuitive operation
and clear menu structure. For example, for measurements
at different measurement sites, the testo 635-2 provides the
advantage that the measurement values can be allocated to
the respective measurement site. For long-term
measurements and material moisture measurements, the
instrument can be switched between different user profiles.
The testo 635 is available in two versions. The version testo
635-2 has extended instument functions such as an
instrument store, PC software, direct display of material
humidity and the possibility of connecting a U-value probe
www.testo.com
We measure it.
testo-635-P01
06.08.2013
14:18
Seite 1


Similar Part No. - 05540190

ManufacturerPart #DatasheetDescription
logo
Testo SE & Co. KGaA
05540190 TESTO-05540190 Datasheet
722Kb / 8P
Temperature measuring instrument (2-channel)
05540190 TESTO-05540190 Datasheet
1Mb / 4P
Humidity/temperature measuring instrument
05540190 TESTO-05540190 Datasheet
2Mb / 8P
Multi-function measuring instrument
More results

Similar Description - 05540190

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2901366 PHOENIX-2901366 Datasheet
71Kb / 5P
Measuring instrument - EEM-MA600
logo
WALSIN TECHNOLOGY CORPO...
TTU25 WALSIN-TTU25 Datasheet
1Mb / 11P
Measuring instrument
logo
Testo SE & Co. KGaA
TESTO922 TESTO-TESTO922 Datasheet
722Kb / 8P
Temperature measuring instrument (2-channel)
TESTO460 TESTO-TESTO460 Datasheet
287Kb / 2P
rpm measuring instrument
TESTO625 TESTO-TESTO625 Datasheet
1Mb / 4P
Humidity/temperature measuring instrument
TESTO905-T1 TESTO-TESTO905-T1 Datasheet
1Mb / 2P
Penetration/surface temperature measuring instrument
TESTO622 TESTO-TESTO622 Datasheet
258Kb / 2P
Humidity/temperature/pressure measuring instrument
logo
PHOENIX CONTACT
2908590 PHOENIX-2908590 Datasheet
329Kb / 9P
Measuring instrument - EEM-EM377
Jun 10, 2022
2908578 PHOENIX-2908578 Datasheet
309Kb / 9P
Measuring instrument - EEM-EM355
Jun 10, 2022
logo
Testo SE & Co. KGaA
TESTO605-H1 TESTO-TESTO605-H1 Datasheet
262Kb / 2P
Humidity/temperature measuring instrument
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com