Electronic Components Datasheet Search
  English  ▼

X  

ICS950208 Datasheet(PDF) 15 Page - Integrated Circuit Systems

Part # ICS950208
Description  Programmable Timing Control Hub for P4
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950208 Datasheet(HTML) 15 Page - Integrated Circuit Systems

Back Button ICS950208 Datasheet HTML 11Page - Integrated Circuit Systems ICS950208 Datasheet HTML 12Page - Integrated Circuit Systems ICS950208 Datasheet HTML 13Page - Integrated Circuit Systems ICS950208 Datasheet HTML 14Page - Integrated Circuit Systems ICS950208 Datasheet HTML 15Page - Integrated Circuit Systems ICS950208 Datasheet HTML 16Page - Integrated Circuit Systems ICS950208 Datasheet HTML 17Page - Integrated Circuit Systems ICS950208 Datasheet HTML 18Page - Integrated Circuit Systems ICS950208 Datasheet HTML 19Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15
Integrated
Circuit
Systems, Inc.
ICS950208
0464B—08/04/03
Electrical Characteristics - 3V66
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Frequency
FO1
1
66.66
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
55
Ω
Output High Voltage
VOH1
IOH = -1mA
2.4
V
Output Low Voltage
VOL1
IOL = -1mA
0.55
V
VOH =1.0V
-33
VOH =3.135V
-33
VOL = 1.95 V
30
VOL = 0.4V
38
Rise Time
tr1
VOL = 0.4V, VOH =2.4V
0.5
1.94
2
ns
Fall Time
tf1
VOH = 2.4V, VOL = 0.4V
0.5
1.78
2
ns
Duty Cycle
dt1
VT = 1.5V
45
50.7
55
%
Skew
tf1
VT = 1.5V
82
500
ps
Jitter
tjcyc-cyc1
VT = 1.5V
45
245
250
ps
1 Guaranteed by design,not 100% tested in production
Output High Current
IOH1
mA
Output Low Current
IOL1
mA
Electrical Characteristics - 24, 48MHz
TA = 0 - 70°C; VDD = 3.3V +/-5%; CL= 10-30pF (unlessotherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO
1
VO = VDD*(0.5)
24, 48
MHz
Output Impedance
RDSN1
1
VO = VDD*(0.5)
12
55
Ω
Output High Voltage
VOH1
IOH = -1mA
2.4
V
Output Low Voltage
VOL1
IOL = -1mA
0.55
V
VOH =1.0V
-29
VOH =3.135V
-23
VOL = 1.95 V
29
VOL = 0.4V
27
Rise Time
tr1
1
VOL = 0.4V, VOH =2.4V
11.25
2
ns
Fall Time
tf1
1
VOH = 2.4V, VOL = 0.4V
11.25
2
ns
Duty Cycle
dt1
1
VT = 1.5V
45
52
55
%
Jitter
tjcyc-cyc
1
VT = 1.5V
150
350
ps
1 Guaranteed by design,not 100% tested in production
Output High Current
IOH1
mA
Output Low Current
IOL1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com