Electronic Components Datasheet Search
  English  ▼

X  

0804303 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804303
Description  SK 5,08/3,8: 0-9
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804303 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804303 Datasheet HTML 1Page - PHOENIX CONTACT 0804303 Datasheet HTML 2Page - PHOENIX CONTACT 0804303 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 3
http://www.phoenixcon.com
Mar 18, 2010
Extract from the online
catalog
 
SK 5,08/3,8: 0-9
Order No.: 0804303
The illustration shows version SK 5,08/3,8 CONSEC.NOS
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=0804303
 
 
Marker card, printed horizontally, self-adhesive, 10-section marker
strip, 12 identical decades marked 0-9, sufficient for 120 terminal
blocks
 
Commercial data
EAN
4017918124151
Pack
10 pcs.
Customs tariff
39199000
Weight/Piece
0.00124 KG
Catalog page information
Page 502 (CL-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Height
3.8 mm
Color
white
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Ambient temperature (operation)
-40 °C ... 100 °C


Similar Part No. - 0804303

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804303 PHOENIX-0804303 Datasheet
144Kb / 6P
MKDS 3/ 4-5,08
0804303 PHOENIX-0804303 Datasheet
147Kb / 6P
MK3DS 3/ 2-5,08
0804303 PHOENIX-0804303 Datasheet
149Kb / 6P
MK3DS 3/ 3-5,08
0804303 PHOENIX-0804303 Datasheet
136Kb / 5P
MFKDSP/ 4-5,08
0804303 PHOENIX-0804303 Datasheet
76Kb / 3P
ZFKDSA 2,5-6,08 R
More results

Similar Description - 0804303

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804222 PHOENIX-0804222 Datasheet
81Kb / 3P
SK 5/3,8: 1-250
0804293-0001 PHOENIX-0804293-0001 Datasheet
81Kb / 3P
SK 5,08/3,8:FORTL.ZAHLEN 1-10
0804293-0011 PHOENIX-0804293-0011 Datasheet
82Kb / 3P
SK 5,08/3,8:FORTL.ZAHLEN 11-20
0804293-0021 PHOENIX-0804293-0021 Datasheet
82Kb / 3P
SK 5,08/3,8:FORTL.ZAHLEN 21-30
0804293-0031 PHOENIX-0804293-0031 Datasheet
82Kb / 3P
SK 5,08/3,8:FORTL.ZAHLEN 31-40
0804293-0071 PHOENIX-0804293-0071 Datasheet
46Kb / 2P
Marker for terminal blocks - SK 5,08/3,8:FORTL.ZAHLEN71-8
0804293-0081 PHOENIX-0804293-0081 Datasheet
46Kb / 2P
Marker for terminal blocks - SK 5,08/3,8:FORTL.ZAHLEN81-9
0804293-0091 PHOENIX-0804293-0091 Datasheet
46Kb / 2P
Marker for terminal blocks - SK 5,08/3,8:FORTL.ZAHLEN91-1
0804332 PHOENIX-0804332 Datasheet
79Kb / 3P
SK 5,08/3,8: 1-250
1965458 PHOENIX-1965458 Datasheet
76Kb / 2P
SK 5,08/3,8 DN
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com