Electronic Components Datasheet Search
  English  ▼

X  

0804303 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0804303
Description  SK 5,08/3,8: 0-9
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804303 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0804303 Datasheet HTML 1Page - PHOENIX CONTACT 0804303 Datasheet HTML 2Page - PHOENIX CONTACT 0804303 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SK 5,08/3,8: 0-9 Order No.: 0804303
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=0804303
PHOENIX CONTACT Inc., USA
Page 2 / 3
http://www.phoenixcon.com
Mar 18, 2010
Components
free from silicone and halogen
Pitch
5.08 mm
Material
Polyester
Pitch
5.08 mm
Accessories
Item
Designation
Description
Marking
1051993
B-STIFT
Marker pen, for manual labeling of unprinted Zack strips, smear-
proof and waterproof, line thickness 0.5 mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com